Electronic Components Datasheet Search
  English  ▼

X  

PSA-5451 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PSA-5451
Description  Ultra Low Noise MMIC Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PSA-5451 Datasheet(HTML) 1 Page - Mini-Circuits

  PSA-5451 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 1
The Big Deal
• Ultra Low Noise
• High IP3/Low Current, 30mA at 3V
• Wideband, up to 4 GHz
Product Overview
Mini-Circuits PSA-5451+ is a E-PHEMT based Ultra-Low Noise MMIC Amplifier operating from 50 MHz to
4 GHz with a unique combination of low noise and high IP3 making this amplifier ideal for sensitive receiver
applications. This design operates on a single 3V supply at only 30mA and is internally matched to 50
ohms.
Key Features
Ultra Low Noise MMIC Amplifier
PSA-5451+
50
Ω
0.05 to 4 GHz
CASE STYLE: CA1389
Feature
Advantages
Ultra Low Noise, 0.7 dB
Outstanding Noise Figure, measured in a 50 Ohm environment without any external matching
High IP3, 29 dBm
Combining Low Noise and High IP3 makes this MMIC amplifier ideal for Low Noise
Receiver Front End (RFE) because it gives the user advantages at both ends of the dynamic
range: sensitivity & two-tone spur-free dynamic range
Low Current, 30mA
At only 30mA, the PSA-5451+ is ideal for remote applications with limited available power or
densely packed applications where thermal management is critical.
Broad Band
Operating over a broadband the PSA-5451+ covers the primary wireless communications bands:
Cellular, PCS, LTE, WiMAX
Internally Matched
No external matching elements required to achieve the advertised noise and output power over the
full band
SOT-363 Package
Small size, industry standard package
Max Input Power, +15dBm
Ruggedized design operates up to input powers of +15dBm without the need of an external limiter
High Reliability
Low, small signal operating current of 30 mA nominal maintains junction temperatures typically
below 100°C at 85°C ground lead temperature
Click
here for
data sheet
New Product Announcement!
Pricing:
$1.45 (QTY 50)


Similar Part No. - PSA-5451

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSA-5451+ MINI-PSA-5451+ Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5451+ MINI-PSA-5451+_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5451 MINI-PSA-5451_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
More results

Similar Description - PSA-5451

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMA-545+ MINI-PMA-545+ Datasheet
162Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5452+ MINI-PMA-5452+ Datasheet
155Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5455+ MINI-PMA-5455+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5456+ MINI-PMA-5456+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-545+ MINI-PSA-545+ Datasheet
140Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453 Datasheet
143Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5454 MINI-PSA-5454 Datasheet
143Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5451 MINI-PSA-5451_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5451 MINI-PMA-5451_11 Datasheet
203Kb / 1P
Ultra Low Noise MMIC Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com