Electronic Components Datasheet Search
  English  ▼

X  

0664Y Datasheet(PDF) 1 Page - JMK Inc.

Part # 0664Y
Description  The 664Y filter is a 3 phase (WYE) filter.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

0664Y Datasheet(HTML) 1 Page - JMK Inc.

  0664Y Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0664Y SERIES
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage = 250/480 V ac
Operating Current Max= 7 & 1 0 amps
Operating Frequency = 50 - 400Hz
Operating Temperature= -20 to +50oC
Diel Withstand ( L to Case)= 1 500V ~for 1 Min.
Diel Withstand ( L to L )= 1 500V dc for 1 Min.
Leakage current @ 250V ~60Hz=
7.0 mA at 250V ac, 400Hz
Max Residual Voltage after 5 secs = 34 Volts
Max
The 664Y filter is a 3 phase (WYE) filter.
This series is designed to be used with military
systems which are required to meet the conducted
emission levels of MIL-STD-461, CE03.
Minor modifications can be done to adjust the
Environmental and vibration specs.


Similar Part No. - 0664Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0664.800 LITTELFUSE-0664.800 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
0664001. LITTELFUSE-0664001. Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
0664002. LITTELFUSE-0664002. Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
0664004. LITTELFUSE-0664004. Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
0664005. LITTELFUSE-0664005. Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
More results

Similar Description - 0664Y

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2847 KR-2847 Datasheet
48Kb / 2P
40 MHz lowpass filter. The filter is group delay equlized
logo
JMK Inc.
1138 JMK-1138 Datasheet
57Kb / 1P
3 phase WYE filter
664D JMK-664D Datasheet
267Kb / 1P
The 664D filter is a 3 phase (Delta) filter. This series is designed to be used with military system
logo
Vectron International, ...
TFS1220 VECTRON-TFS1220_03 Datasheet
28Kb / 2P
The filter is single ended driven
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
Compact Low Current 3-phase WYE RFI Filters
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
AYO TEC-AYO Datasheet
172Kb / 2P
Compact Low Current 3-phase WYE RFI Filters
logo
Schneider Electric
VW3A31404 SCHNEIDER-VW3A31404 Datasheet
154Kb / 5P
additionnal EMC input filter - 3- phase supply - 15 A
Apr 20, 2022
VW3A31407 SCHNEIDER-VW3A31407 Datasheet
154Kb / 5P
additionnal EMC input filter - 3- phase supply - 47 A
Apr 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com