Electronic Components Datasheet Search
  English  ▼

X  

0982 Datasheet(PDF) 1 Page - JMK Inc.

Part # 0982
Description  The 0982 filters are excellent for suppressing noise from switching power supplies and other devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

0982 Datasheet(HTML) 1 Page - JMK Inc.

  0982 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0982 SERIES
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
The 0982 filters are excellent for suppress-
ing noise from switching power supplies
and other devices. This series is similar to
the 0720 series but uses an "L" filter con-
figuration in order to minimise problems
with resonances which can occur when
more complex filter designs are used.
This series is specifically designed for
systems with "IEC" and VDE level "B"
requirements.
Operating Voltage = 115/250VAC
Operating Current = 3,6,8 & 10 amperes
Operating Frequency = 50/60 Hz
Operating Temperature = -10 to 50 deg. C
Dielectric Withstanding (Line-Ground) =
1500 VDC for 1 minute
Dielectric Withstanding (Line to Line) =
1500 VDC for 1 minutes
Leakage Current = 1.0 mA @ 250 VAC, 50Hz
Residual Voltage (Max after 5 sec.) = 10 Volts
Agency Approvals -8 UL, CSA, VDE
-3,-6,-10 Pending


Similar Part No. - 0982

ManufacturerPart #DatasheetDescription
logo
Heyco.
0982 HEYCO-0982 Datasheet
165Kb / 1P
Fan Guards
logo
List of Unclassifed Man...
09820 ETC2-09820 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
09820 ETC2-09820 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
09820 ETC2-09820 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
DESCO INDUSTRIES INC
09820 DESCO-09820 Datasheet
148Kb / 1P
COMMON POINT GROUND, WITH SNAP SOCKET (FEMALE), 10FT
November 2018
More results

Similar Description - 0982

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
0828 JMK-0828 Datasheet
97Kb / 1P
The 0828 filters are excellent for suppressing noise from switching power supplies
0989 JMK-0989 Datasheet
58Kb / 1P
The 0989 filters are excellent for suppressing noise from switching power supplies
EF-0720-10 JMK-EF-0720-10 Datasheet
169Kb / 1P
The 720 filters are excellent for suppressing noise from switching power supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
High Performance RFI Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
logo
XFMRS Inc.
1XF0025-HO XFMRS-1XF0025-HO Datasheet
32Kb / 2P
EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com