Electronic Components Datasheet Search
  English  ▼

X  

TS0013 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS0013
Description  10/100 BASE PCMCIA TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS0013 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS0013 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by:WuQingli Rev.: X.0
10/100 BASE PCMCIA TRANSFORMER
P/N: TS0013 DATA SHEET
A. GENERAL SPECIFICATION:
1. DESIGN FOR 10/100 MB/s TX, & ATM 155 MB/s APPLICATION.
2. MEETS ANSI X3.236-1995 TP-PMD, 100 Base-TX,ATM 155Mbps UNI,AND IEEE 802.3u, AND
802.3 SPECIFICATIONS.
3. VERY LOW PROFILE PCMCIA /PC CARD, SMD PACKAGE.
4. OPERATING TEMP RANGE: 0°C TO +70°C.
5. STORAGE TEMP RANGE: -25°C TO +125°C
B.
ELECTRICAL SPECIFICATION @25°C
1. INSERTION LOSS: 100KHz TO 100MHz(dB Max): -1.3
2. TURN RATIO (+/- 5%): RX 1CT: 1CT TX 1CT: 1CT
3. RETURN LOSS (dB Min):
30MHz
-16
60MHz
-12
80MHz
-11
4. CROSS TALK (dB Min):
30MHz
-40
62MHz
-40
100MHz
-35
5. DIFFERENTAL TO COMMON MODE REJECTION (dB MIN).
30
50
100
150 MHz
-15
-18
-20
-20
6. HI-POT ISOLATION (Vrms MIN): 1500.
C. SCHEMATIC & DIMENSIONS & MARKING (UNIT mm)


Similar Part No. - TS0013

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
SMD 7.0x5.0 CMOS SAW Oscillator
More results

Similar Description - TS0013

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST0011P BOTHHAND-16ST0011P Datasheet
58Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
16ST0009MP BOTHHAND-16ST0009MP Datasheet
264Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS90 BOTHHAND-NS90 Datasheet
259Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
16ST0009PLF BOTHHAND-16ST0009PLF Datasheet
158Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14LF BOTHHAND-NS14LF Datasheet
644Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0015LF BOTHHAND-NS0015LF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com