Electronic Components Datasheet Search
  English  ▼

X  

TS1102 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS1102
Description  10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS1102 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS1102 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: April 21-2000 Pre by: WuQingli Rev.: X.0
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
P/N: TS1102 DATA SHEET
A.GENERAL SPECIFICATIONS:
1. 16 PIN, SMD PACKAGE TO MEET 10/100 MB T SPECIFICATION.
2. LOW LEAKAGE INDUCTANCE AND WINDING CAPACITANCES FOR FAST RISE TIME.
3. HIGH ISOLATION VOLTAGES TO COMPLY WITH INTERNATIONAL SAFETY
REQUIRMENTS FOR LAN.
4. OPERATING TEMPANGE: 0°C TO 70°C.
5. STORAGE TEMP RANG: -25°C TO + 125°C
B. ELECTRICAL SPRCIFICATIONS: (25
°°°°C)
1. TURN RATIOS: ( TX&RX) 1 : 1
2. INSERTION LOSS (100 KHz-100 MHz): 1.1 dB MAX
3. RETURN LOSS (dB Min): 30 MHz
60 MHz
80 MHz
-20
-14
-12
4. DIFFERENTIAL TO COMMON MODE REJECTION (dB MIN):
30 MHz
60 MHz
100 MHz
42
37
33
5.CROSSTALK (dB Min): 30 MHz
60 MHz
100 MHz
45
40
35
6. HI-POT (Vrms): 1500
C. SCHEMATIC & DIMENSIONS & MARKING (UNIT mm)


Similar Part No. - TS1102

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
TS1102-100 TOUCHSTONE-TS1102-100 Datasheet
787Kb / 11P
A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1102-100-EG6 SILABS-TS1102-100-EG6 Datasheet
63Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100-EG6T SILABS-TS1102-100-EG6T Datasheet
63Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100EG5 SILABS-TS1102-100EG5 Datasheet
1Mb / 20P
High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1102

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT6149F BOTHHAND-16PT6149F Datasheet
26Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121AX BOTHHAND-TS6121AX Datasheet
263Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C3 BOTHHAND-TS6121C3 Datasheet
262Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CH BOTHHAND-TS6121CH Datasheet
292Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CX BOTHHAND-TS6121CX Datasheet
264Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121D BOTHHAND-TS6121D_1 Datasheet
261Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TSB21L BOTHHAND-TSB21L Datasheet
264Kb / 1P
10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com