Electronic Components Datasheet Search
  English  ▼

X  

BCM-9012 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BCM-9012
Description  SURFACE MOUNT COMMON MODE CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BCM-9012 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BCM-9012 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/01/28
Drawing no.: Common Mode Choke
REV.:A2
Page : 1/1
SURFACE MOUNT COMMON MODE CHOKES
P/N:BCM-9012 DATA SHEET
A. General Specifications:
1. Reduces radiated EMI emissions.
2. Filters common mode noise for EMI reduction.
3. Common mode attenuation from 100KHz to 1GHz.
4. Operating temperature range : 0
°C to +70°C
B. Electrical Specifications @25
°°°°CCCC :
1. Turn Ratio: 1:1
2. Primary Inductance OCL: 7.5μH Min @100KHz/1V
3. DCR: 0.20 Ω Max.
4. Isolation HI-POT: 1500 Vrms.
5. Common Mode Attenuation (dB TYP):
100 KHz
1 MHz
10 MHz
30 MHz
50 MHz
100 MHz
300MHz
500MHz
4
9
20
25
26
24
16
11
C. Schematic & Mechanical :


Similar Part No. - BCM-9012

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-039 BOTHHAND-BCM-039 Datasheet
153Kb / 1P
COMMON MODE CHOKE
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
logo
List of Unclassifed Man...
BCM-1-306-060-00-03K ETC2-BCM-1-306-060-00-03K Datasheet
101Kb / 2P
Optimizes Battery Life
BCM-1-306-080-00-03K ETC2-BCM-1-306-080-00-03K Datasheet
101Kb / 2P
Optimizes Battery Life
BCM-1-306-100-00-03K ETC2-BCM-1-306-100-00-03K Datasheet
101Kb / 2P
Optimizes Battery Life
More results

Similar Description - BCM-9012

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
XF0013-CMC1 XFMRS-XF0013-CMC1 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com