Electronic Components Datasheet Search
  English  ▼

X  

16ST8517 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST8517
Description  10/100 BASE-TX TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST8517 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST8517 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10/100 BASE-TX TRANSFORMER
P/N:16ST8517 DATA SHEET
Page1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A7(02/10)
Feature
Designed for 10 MB/s and 100MB/s and 155 MB/s
transmission over UTP-5 and STP cable.
Cable interface for isolation and low common mode
emissions.
Fully integrated modules for multi-port concentrators and
adapter card applications.
16-PIN SMD Package, pick and place compatible.
Operating Temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
Part
Number
TX
RX
OCL
100KHz/0.1Vrms with8mA/DC Bias
(µH Min) TX&RX
CW/W
(pF Max)
TX&RX
L.L
(uH Max)
TX&RX
Rise Time
10-90%
(nS TYP)
HI-POT
(Vrms)
16ST8517
1CT:1CT 1CT:1CT
350
28
0.6
2.5
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
TX/RX(dB Min)
Part
Number
0.3 - 100 MHz
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz 60MHz 100MHz
16ST8517
-1.15
-16
-14
-13.5
-13
-12
-45
-35
-42/-42 -38/-36 -35/-32
Schematic
Mechanical


Similar Part No. - 16ST8517

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8517 BOTHHAND-16ST8517 Datasheet
227Kb / 2P
100 BASE PULSE TRANSFORMER (SMD)
16ST8517-1 BOTHHAND-16ST8517-1 Datasheet
227Kb / 2P
100 BASE PULSE TRANSFORMER (SMD)
16ST8517-1 BOTHHAND-16ST8517-1 Datasheet
192Kb / 1P
HIGH SPEED LAN MAGNETICS
16ST8517A BOTHHAND-16ST8517A Datasheet
193Kb / 1P
10/100 BASE-T TRANSFORMER
16ST8517B BOTHHAND-16ST8517B Datasheet
67Kb / 1P
10/100 BASE-TX TRANSFORMER
More results

Similar Description - 16ST8517

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8517B BOTHHAND-16ST8517B Datasheet
67Kb / 1P
10/100 BASE-TX TRANSFORMER
16ST8517C BOTHHAND-16ST8517C Datasheet
268Kb / 1P
10/100 BASE-TX TRANSFORMER
TL1142B-A BOTHHAND-TL1142B-A Datasheet
290Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
TN1142B BOTHHAND-TN1142B Datasheet
289Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
TS1142 BOTHHAND-TS1142 Datasheet
266Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
TSC1141M BOTHHAND-TSC1141M Datasheet
266Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
TSC1141 BOTHHAND-TSC1141 Datasheet
179Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
TSC1142 BOTHHAND-TSC1142 Datasheet
177Kb / 1P
10/100 BASE-TX TRANSFORMER MODULES
20PT1024RSXLF BOTHHAND-20PT1024RSXLF Datasheet
669Kb / 2P
10/100 BASE-TX DUA PORT TRANSFORMER
TS8142HF BOTHHAND-TS8142HF Datasheet
233Kb / 2P
10/100 BASE-TX TRANSFORMER MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com