Electronic Components Datasheet Search
  English  ▼

X  

16ST8522 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST8522
Description  10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST8522 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST8522 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
P/N: 16ST8522 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/07)
Feature
Designed for 100MB/s and 155MB/s transmission over
UTP-5 and STP cable.
Operating temperature range:0°C to +70°C.
Storage temperature range:-25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
CMR
TX/RX(dB Min)
Part
Number
RX
TX
Rise Time
(nS Max)
Isolation Voltage
(Vrms)
0.3-60MHz
16ST8522
1CT:1CT
1CT:1CT
5
1500
-40
Continue
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
TX/RX(dB Min)
Part
Number
0.3-100 MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz
60MHz 100MHz
16ST8522
-1.15
-16
-14
-13.5
-13
-12
-45
-35
-42
-35
-28
Schematic
Mechanical


Similar Part No. - 16ST8522

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - 16ST8522

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1038 PULSE-H1038 Datasheet
136Kb / 2P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PE-68515LT PULSE-PE-68515LT Datasheet
482Kb / 5P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
10/100 Base-T Single Port Transformer Modules
H303 PULSE-H303_15 Datasheet
419Kb / 3P
10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com