Electronic Components Datasheet Search
  English  ▼

X  

LPD3333 Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # LPD3333
Description  PHOTO DIODE SILICON PIN LED LAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LPD3333 Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  LPD3333 Datasheet HTML 1Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOTO DIODE SILICON PIN LED LAMPS
SERIES
MAXIMUM RATINGS (TA=25
)
•℃
Package Dimension
Description
The LPD3333 series aresilicon planar
P/N photodiodes incorporated in plastic
package that simultaneously serve as
filter and are also Transparent for infrared
emission their terminals are soldering
tabs arranged in 2.54mm center to center
spacing due to their design the diodes
can vertically be assembled on pc boards
arrays can be realized by multiple
arrangement versatile photodetectors are
suitable for diodes as well as voltaic cell
operation the signal noise ratio is
particularly favorable even at low
illuminance the P/N photodiode are
outstanding for low junction capacitance
high cut-off frequency and fast switching
times.
They are particularly suitable for IR
sound transmission and remote control
the cathode of LPD3333 photodiode is
marked by a stamping on the package
edge
ELECTRICAL CHARACTERISTICS AT (TA=
)
•℃
DOC.NO:QW0905-LPD3333
Date:17 - Aug - 2005
LPD3333
NOTE:1.All dimension are In millimeters tolerance Is
±0.25 unless otherwise noted
2.Specifications are subject to change without notice
Characteristic
Symbol
Rating
nit
Characteristic
Symbol
Test Condition
Unit
Min
Typ
Max
Reverse Break Down Voltage
VBR
30
V
Tstg
℃
℃
-30 ﹣ +60
Topr
Operating Temperature
mW
150
PD
Power Dissipation
Storage Temperature
-40 ﹣ +60
ns
-
50
VR=10V RL=1KΩ-
-
940
-
nm
VR=3V f=1MHZ
-
20
-
pF
λP=940nm
_
-
mV
Ee=0.5mW/c㎡
VR=5V
Ee=0.5mW/c㎡
1.5
2.0
-
uA
VR=10V
-
1.0
30
nA
ID
Isc
Voc
CT
λsmax
tr,tf
Dark Current
Short Circuit Current
Open Circuit Voltage
Total Capacitance
Peak Wavelength of Max Sensitivity
Rise Time,Fall Time
2.54TYP
□0.5
TYP
1.5MAX
25.0MIN
7.6
8.6
5.9
5.0
350
1.0MIN
Ee=0mW/c㎡
λP=940nm
Ee=0mW/c㎡
REV: B


Similar Part No. - LPD3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPD3330 ETC2-LPD3330 Datasheet
24Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
logo
LIGITEK electronics co....
LPD3330 LIGITEK-LPD3330 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD3330-PF LIGITEK-LPD3330-PF Datasheet
101Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
LPD3330-S156-PF LIGITEK-LPD3330-S156-PF Datasheet
105Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
More results

Similar Description - LPD3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPD3330 ETC2-LPD3330 Datasheet
24Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
logo
LIGITEK electronics co....
LPD2040-L3-PF LIGITEK-LPD2040-L3-PF Datasheet
105Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
LPD2043-L3 LIGITEK-LPD2043-L3 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD2060 LIGITEK-LPD2060 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD2063 LIGITEK-LPD2063 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD3330 LIGITEK-LPD3330 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD4380 LIGITEK-LPD4380 Datasheet
26Kb / 1P
PHOTO DIODE SILICON PIN LED LAMPS
LPD43730-A-PF LIGITEK-LPD43730-A-PF Datasheet
133Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
LPD62340-A-PF LIGITEK-LPD62340-A-PF Datasheet
145Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
LPD62343-A-PF LIGITEK-LPD62343-A-PF Datasheet
165Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com