Electronic Components Datasheet Search
  English  ▼

X  

TD62003AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62003AP
Description  7CH DARLINGTON SINK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62003AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62003AP Datasheet HTML 1Page - Toshiba Semiconductor TD62003AP Datasheet HTML 2Page - Toshiba Semiconductor TD62003AP Datasheet HTML 3Page - Toshiba Semiconductor TD62003AP Datasheet HTML 4Page - Toshiba Semiconductor TD62003AP Datasheet HTML 5Page - Toshiba Semiconductor TD62003AP Datasheet HTML 6Page - Toshiba Semiconductor TD62003AP Datasheet HTML 7Page - Toshiba Semiconductor TD62003AP Datasheet HTML 8Page - Toshiba Semiconductor TD62003AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TD62001~004P/AP/F/AF
2001-06-27
4
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
VCE = 50 V, Ta = 25°C
―
―
50
AP, AF
VCE = 50 V, Ta = 85°C
―
―
100
VCE = 35 V, Ta = 25°C
―
―
50
F
VCE = 35 V, Ta = 85°C
―
―
100
VCE = 35 V, Ta = 25°C
―
―
50
Output Leakage
Current
P
ICEX
1
VCE = 35 V, Ta = 75°C
―
―
100
µA
IOUT = 350 mA, IIN = 500 µA
―
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
―
1.1
1.3
Collector−Emitter Saturation Voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
―
0.9
1.1
V
DC Current Transfer Ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
―
―
TD62002
VIN = 20 V, IOUT = 350 mA
―
1.1
1.7
TD62003
VIN = 2.4 V, IOUT = 350 mA
―
0.4
0.7
Input Current
(Output On)
TD62004
IIN (ON)
3
VIN = 9.5 V, IOUT = 350 mA
―
0.8
1.2
mA
P
IOUT = 500 µA, Ta = 75°C
50
65
―
Input Current
(Output Off)
AP, F, AF
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
―
µA
IOUT = 350 mA
―
―
13.7
TD62002
IOUT = 200 mA
―
―
11.4
IOUT = 350 mA
―
―
2.6
TD62003
IOUT = 200 mA
―
―
2.0
IOUT = 350 mA
―
―
4.7
Input Voltage
(Output On)
TD62004
VIN (ON)
5
VCE = 2 V
hFE = 800
IOUT = 200 mA
―
―
4.4
V
VR = 50 V, Ta = 25°C
―
―
50
AP, AF
VR = 50 V, Ta = 85°C
―
―
100
VR = 35 V, Ta = 25°C
―
―
50
F
VR = 35 V, Ta = 85°C
―
―
100
VR = 35 V, Ta = 25°C
―
―
50
Clamp Diode
Reverse Current
P
IR
6
VR = 35 V, Ta = 75°C
―
―
100
µA
Clamp Diode Forward Voltage
VF
7
IF = 350 mA
―
―
2.0
V
Input Capacitance
CIN
―
―
15
―
pF
P, F
VOUT = 35 V, RL = 87.5 Ω
CL = 15 pF
―
0.1
―
Turn−On Delay
AP, AF
tON
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
―
0.1
―
P, F
VOUT = 35 V, RL = 87.5 Ω
CL = 15 pF
―
0.2
―
Turn−Off Delay
AP, AF
tOFF
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
―
0.2
―
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com