Electronic Components Datasheet Search
  English  ▼

X  

LSBK2340 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSBK2340
Description  ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBK2340 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBK2340 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBK2340 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBK2340 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBK2340 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBK2340 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBK2340 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
℃
Typical Electrical & Optical Characteristics (Ta=25
℃)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dominant
wave
length
λDnm
470
Tstg
Storage Temperature
468
Blue
LSBK2340 InGaN/SiC
Blue Diffused
PART NO
Peak
wave
length
λPnm
COLOR
Emitted
MATERIAL
Lens
IFP
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Operating Temperature
Topr
ESD
Ir
PD
Forward Current
Symbol
Parameter
IF
-30 ~ +100
℃
52
220
3.5
4.2
26
350
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@
mA(V)
Spectral
halfwidth
△λnm
Max.
Typ
.
20
Typ.
Min.
Luminous
intensity
@20mA(mcd)
100
mA
-20 ~ +80
500
℃
V
50
120
μA
mW
UNIT
30
SBK
mA
Ratings
Page 2/5
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
PART NO. LSBK2340



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com