Electronic Components Datasheet Search
  English  ▼

X  

GS5012 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GS5012
Description  1000 BASE-T MAGNETICS MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GS5012 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GS5012 Datasheet HTML 1Page - Bothhand USA, LP. GS5012 Datasheet HTML 2Page - Bothhand USA, LP. GS5012 Datasheet HTML 3Page - Bothhand USA, LP. GS5012 Datasheet HTML 4Page - Bothhand USA, LP. GS5012 Datasheet HTML 5Page - Bothhand USA, LP. GS5012 Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1000 BASE-T MAGNETICS MODULES
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
General Specification
Designed for long haul Gigabit Ethernet 1000 Base-T,
Full Duplex applications
Supports category 5 UTP cable
Low common mode Emissions
Compliant with IEEE 802.3ab standard for 1000 Base-T
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ &
Operating Temperature range:0℃ to +70℃
Isolation Voltage : 1500Vrms
CW/W : 28pF Max
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350 uH Min.
L.L: 0.5uH Max
Insertion
Loss
(dB Max.)
Return Loss
(dB Min @ 100 Ω)
Cross talk
(dB Min.)
Differential to Common
Mode
Rejection(dB Min.)
Part
Number
Turns
Ratio
(±5%)
1~100MH
z
1-30MHz 40MHz 50MHz 60-80MHz 100MHz 30MHz 60MHz 100MH
z
30MHz 60MHz 100MH
z
GS5008
1CT:1
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
GS5009
1CT:1CT
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041*
1CT:1CT
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041A*
1CT:1
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041-A* 1CT:1CT
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041B*
1CT:1
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041-2
1CT:CT
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
24HST1041A-2
1CT:1
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
GS5012
1CT:1
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
GS5014
1CT:1CT
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
* Note: Insulation resistance:10,000MΩ , 24HST1041-A
:Design meet to loop currents from 330mA
Mechanicals
24HST1041 , 24HST1041A , 24HST1041-A , 24HST1041B


Similar Part No. - GS5012

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
More results

Similar Description - GS5012

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
24HST1041-2 BOTHHAND-24HST1041-2 Datasheet
173Kb / 1P
1000 BASE -T MAGNETICS MODULES
24HST1041-4 BOTHHAND-24HST1041-4 Datasheet
447Kb / 1P
1000 BASE-T MAGNETICS MODULES
24HST1041A-4 BOTHHAND-24HST1041A-4 Datasheet
449Kb / 1P
1000 BASE -T MAGNETICS MODULES
24HST1041A BOTHHAND-24HST1041A Datasheet
168Kb / 1P
1000 BASE -T MAGNETICS MODULES
24HST1041C BOTHHAND-24HST1041C Datasheet
181Kb / 1P
1000 BASE -T MAGNETICS MODULES
24HST1041 BOTHHAND-24HST1041_1 Datasheet
174Kb / 1P
1000 BASE -T MAGNETICS MODULES
24HST1041B-2 BOTHHAND-24HST1041B-2 Datasheet
449Kb / 1P
1000 BASE -T MAGNETICS MODULES
24ST1027EX BOTHHAND-24ST1027EX Datasheet
267Kb / 1P
1000 BASE -T MAGNETICS MODULES
GS5008MLF BOTHHAND-GS5008MLF Datasheet
476Kb / 1P
1000 BASE-T MAGNETICS MODULES
logo
VITALCONN ELECTRONICS H...
TG24086S1 VITALCONN-TG24086S1 Datasheet
362Kb / 1P
1000 BASE-T MAGNETICS MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com