Electronic Components Datasheet Search
  English  ▼

X  

40ST1021 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1021
Description  40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1021 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1021 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
P/N: 40ST1021 DATA SHEET
Page1/1
Feature
40-PIN SMD Package designed to meet IEEE 802.3
& IR requirement .
Operating Temperature range: 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1Vrms
with 8mA/DC Bias
CW/W
(pF Max)
L.L
(uH Max)
Insulation
Resistance
(MΩ)
HI-POT
(Vrms)
40ST1021
1CT:1
1CT:1CT
350
28
0.5
10,000
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
TX/RX(dB Min)
Part
Number
0.3-100 MHz
0.3-30MHz
30-60MHz
60-80MHz
0.3-100MHz
1-60MHz
60-200MHz
40ST1021
-1.15
-16
-12
-10
-38
-37
-25
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/06)


Similar Part No. - 40ST1021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1021 BOTHHAND-40ST1021 Datasheet
197Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
203Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A_1 Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B Datasheet
205Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
More results

Similar Description - 40ST1021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1021A BOTHHAND-40ST1021A Datasheet
203Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B Datasheet
205Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021C BOTHHAND-40ST1021C Datasheet
158Kb / 1P
40PIN SMD ETHERNET 10/100BASE TX TWO PORT TRANSFORMER MODULE
40ST1021D BOTHHAND-40ST1021D Datasheet
200Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021_1 Datasheet
197Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A_1 Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B_1 Datasheet
307Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021C BOTHHAND-40ST1021C_1 Datasheet
280Kb / 1P
40PIN SMD ETHERNET 10/100BASE TX TWO PORT TRANSFORMER MODULE
40ST1021D BOTHHAND-40ST1021D_1 Datasheet
282Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021E BOTHHAND-40ST1021E Datasheet
280Kb / 1P
40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com