Electronic Components Datasheet Search
  English  ▼

X  

SA013V3 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SA013V3
Description  5~7.5 Watts Switching Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA013V3 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SA013V3 Datasheet HTML 1Page - Bothhand USA, LP. SA013V3 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA
e-mail: sales@bothhandusa.com
http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA01
Series
5~7.5 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 110g only
●Efficiency 62%~74%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SA0104~07 SA013V3
SA0105
SA0106
SA0109
SA0112
Output Voltage
+4V~7V
+3.3V
+5V
+6V
+9V
+12V
Output Rating
6W Max
1.5A
1.4A
1.2A
0.8A
0.6A
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
0.3A Maximum
Inrush Current
30A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Maximum
Efficiency
67% Typical
62% Typical
67% Typical
69% Typical
72% Typical
74% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
8V~14V Maximum
7V Maximum
10V Maximum
12V Maximum
18V Maximum
24V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
UL, CUL, CB, LPS, CE, BSMI, PSE
Fig. B
CE
Fig. C
LPS, CE, BSMI
BSI, LPS, CE, BSMI
Safety Description
Fig. D
TUV, CB, LPS, CE, BSMI
(*): Under Development
(I/P): In Process


Similar Part No. - SA013V3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA01 MITSUBISHI-SA01 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 CIRRUS-SA01 Datasheet
213Kb / 5P
Pulse Width Modulation Amplifier
SA01-6 APEX-SA01-6 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
More results

Similar Description - SA013V3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
M1-7S03 BOTHHAND-M1-7S03 Datasheet
51Kb / 2P
7~10 Watts Switching Adapter
EA1050A BOTHHAND-EA1050A Datasheet
42Kb / 2P
50~60 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
10~15 Watts Switching Adapter
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
30~42 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
50~60 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
36 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
15 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
6~15 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
20 Watts Switching Adapter
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
30 Watts Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com