Electronic Components Datasheet Search
  English  ▼

X  

LSGL3333-H0 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSGL3333-H0
Description  ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSGL3333-H0 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSGL3333-H0 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSGL3333-H0 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSGL3333-H0 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSGL3333-H0 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSGL3333-H0 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSGL3333-H0 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Topr
Operating Temperature
-20 ~ +80
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Green
MATERIAL
PART NO
LSGL3333/H0
InGaN/SiC
Storage Temperature
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Peak
wave
length
λPnm
Water Clear
Emitted
Lens
502
30
4.2
Max.
3.5
Typ.
550
Min.
38
900
Typ.
-30 ~ +100
COLOR
Tstg
℃
℃
Absolute Maximum Ratings at Ta=25
℃
Electrostatic Discharge( * )
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
Page 2/5
500
Ratings
IF
ESD
Ir
PD
IFP
Symbol
mA
30
50
120
100
μA
V
mA
mW
SGL
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LSGL3333/H0
Peak
wave
length
λDnm
505



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com