Electronic Components Datasheet Search
  English  ▼

X  

LSR3333-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSR3333-PF
Description  ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR3333-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSR3333-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR3333-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR3333-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR3333-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR3333-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR3333-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
Package Dimensions
7.6
8.6
1.5MAX
0.5
TYP
25.0MIN
1.0MIN
2.54TYP
5.0
5.9
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSR3333-PF
PART NO.
1/5
Page
60
°
30
°
75%
50%
0
25%
100%
-30
°
25%
75% 50%
100%
-60
°
0
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com