Electronic Components Datasheet Search
  English  ▼

X  

FB2021 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FB2021
Description  10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FB2021 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FB2021 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
P/N:FB2021 APPLY TO GENERIC IC
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(12/01)
Feature
l
IEEE 802.3 and IEEE 802.5 compatible.
l
Designed to meet AMD AM79C98, AT & T T7220 & NS
DP83922 chip sets requirements.
l
Integrated filter and isolation transformers in single 16 Pin
DIP package.
l
Low insertion loss characteristics.
l
Cost effective designs.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
CUT- OFF Frequency
Voltage Isolation
(Vrms)
FB2021
1CT:1CT
1CT:1CT
17 MHz ± 1.5MHz
1500
Continue
Insertion Loss
TX/RX(dB Max)
Attenuation
TX/RX(dB Min)
Return Loss
TX/RX(dB Min)
Cross talk
Attenuation
(dB Min)
Part
Number
1–10MHz
20MHz
25MHz
30MHz
40MHz
1-10MHz
1-10 MHz
FB2021
-1.0
-7/- 6
-19/-14
-28/-20
-32/-31
-20/-20
-30
Schematic
Mechanical


Similar Part No. - FB2021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2022 BOTHHAND-FB2022 Datasheet
41Kb / 1P
TRANSMIT / RECEIVER FILTER
FB2022 BOTHHAND-FB2022 Datasheet
255Kb / 1P
TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B-3 BOTHHAND-FB2022B-3 Datasheet
43Kb / 1P
10 BASE-T LOW PASS FILTER
More results

Similar Description - FB2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS2028 ETC-FS2028 Datasheet
55Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
Bothhand USA, LP.
FS2028 BOTHHAND-FS2028 Datasheet
61Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028 BOTHHAND-FB2028 Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022BLF BOTHHAND-FB2022BLF Datasheet
69Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028A BOTHHAND-FB2028A Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028C BOTHHAND-FB2028C Datasheet
252Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028MLF BOTHHAND-FS2028MLF Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028 BOTHHAND-FS2028_1 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
PFS2028 BOTHHAND-PFS2028 Datasheet
266Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com