Electronic Components Datasheet Search
  English  ▼

X  

FD2046 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FD2046
Description  10 BASE-T, SIL FILTER (WITH 2 COMMON CHOKE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FD2046 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FD2046 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10 BASE-T, SIL FILTER (WITH 2 COMMON CHOKE)
P/N: FD2046: APPLY TO GENERIC IC
A. GENERAL SPECIFICATIONS:
1. IEEE 802.3 AND IEEE 802.5 COMPATIBLE.
2. DESIGNED TO MEET AMD AM79C98, AT&T T7220 & NS DP83922 CHIPSET
REQUIREMENTS AND TO MEET FCC CLASS B.
3. INTEGRATED FILTER AND ISOLATION FUNCTION IN 10 PIN SIL PACKAGE.
4. LOW INSERTION LOSS CHARACTERISTICS.
5. COST EFFECTIVE DESIGN.
6. OPERATING TEMP RANGE: 0°C TO +70°C.
7. STORAGE TEMP RANGE: -25°C TO +125°C.
8. RECEIVING & TRANSMITTING SIDE BOTH WITH COMMON MODE CHOKE.
B. ELECTRICAL SPRCIFICATIONS @ 25°C:
1. ATTENUATION
20MHz
30MHz
40MHz
TRANSMITTER
-5
-27
-35 (dB MIN.)
RECEIVER
-5
-20
-31
2. INSERTION LOSS (1-10MHz): TRANSMITTER & RECEIVER -1.0 dB MAX.
3. CROSS TALK (1-10MHz): -30 dB MIN.
4. GROUP DELAY CHANGE: 4.0 nS MAX.
5. RETURN LOSS (1-10 MHz): -15 dB MIN.
6. HI-POT:
2000 VRMS(PRI./SEC.).
7. CUT-OFF FREQUENCY: 17+/-1.5 MHz
8. CMRR (dB MIN.): TX: -40 AT 30-70MHz;RX:-30 AT 70-100MHz
C.SCHEMATICS & DIMENSIONS & MARKING (unit mm):


Similar Part No. - FD2046

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FD2046LF BOTHHAND-FD2046LF Datasheet
68Kb / 1P
10 BASE-T, SIL FILTER(WITH 2 COMMON CHOKE) APPLY TO GENERIC IC
More results

Similar Description - FD2046

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6002 PCA-EPE6002 Datasheet
83Kb / 1P
Filter, Transformer and Common Mode Choke for 10 Base-T (Twisted Pair) 62 Pins
EPE6130S PCA-EPE6130S Datasheet
27Kb / 1P
10 Base-T Isolation Transformer with Common Mode Choke
logo
Bothhand USA, LP.
FB2021 BOTHHAND-FB2021 Datasheet
40Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022BLF BOTHHAND-FB2022BLF Datasheet
69Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028A BOTHHAND-FB2028A Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028C BOTHHAND-FB2028C Datasheet
252Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FD2046LF BOTHHAND-FD2046LF Datasheet
68Kb / 1P
10 BASE-T, SIL FILTER(WITH 2 COMMON CHOKE) APPLY TO GENERIC IC
FS2028 BOTHHAND-FS2028_1 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
List of Unclassifed Man...
20F001N ETC-20F001N Datasheet
15Kb / 2P
10 Base T Filter with Common Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com