Electronic Components Datasheet Search
  English  ▼

X  

LSRF2041-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRF2041-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF2041-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRF2041-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF2041-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF2041-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF2041-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF2041-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF2041-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 2/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
mA
mA
UNIT
Ratings
90
30
SRF
μA
mW
℃
℃
10
75
-40 ~ +100
-40 ~ +85
IFP
IF
Parameter
Forward Current
Ir
PD
Tstg
Topr
Storage Temperature
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
℃
Typical Electrical & Optical Characteristics (Ta=25
℃)
Symbol
Typ.
450
300
30
Min.
Max.
630
1.5
20
2.4
Min.
COLOR
Emitted
MATERIAL
AlGaInP
Red
PART NO
LSRF2041-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Lens
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ1/2
(deg)
Forward
voltage
@20mA(V)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Electrostatic Discharge( * )
ESD
2000
V
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LSRF2041-PF
Red Transparent



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com