Electronic Components Datasheet Search
  English  ▼

X  

FS94NS Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS94NS
Description  SMD, 14 PIN, 10 BASE-T FILTER FOR PCMCIA APPLICATIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS94NS Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS94NS Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: Apr-21-2000 Pre.by: PiJunMin Rev:1.0
SMD, 14 PIN, 10 BASE-T FILTER FOR PCMCIA APPLICATIONS
P/N: FS94NS: APPLY TO GENERIC IC
A. GENERAL SPECIFICATIONS:
1. DESIGNED FOR 10 BASE-T, PCMCIA ICs APPLICATION.
2. FULLY COMTATIBLE WITH IEEE 802.3 STANDARD.
3. 14-PIN SMD LOW PROFILE PACKAGE.
4. OPERATING TEMP RANGE: 0ºC TO 70ºC.
5. STORAGE TEMP RANGE: -25ºC TO +125ºC.
B. ELECTRICAL SPECIFICATIONS @ 25ºC:
TX
RX
1.TYPE
:7 POLE
:5 POLE
2.CUT-OFF FREQ
:17+/-1.5MHz
: 17+/-1.5MHz
3.INSERTION LOSS (10MHz) : -12.5 dB MAX.
: -5 dB MAX.
*TESTING INCLUDES PRE-DISTORTION RESISTOR WHICH REFLECTS ADDITIONAL
ATTENUATION.
4.ATTENUATION AT 30 MHz: -23 dB MIN
:-15 dB MIN
AT 50 MHz: -30 dB MIN
:-25 dB MIN
5.HI-POT
:1500 VRMS
:1500 VRMS
6.COMMON MODE REJECTION
D.MARKING:
(30-100 MHz): -30 dB MIN
:-30 dB MIN
7.RETURN LOSS (5-10 MHz): -30 dB MIN
: -15 dB MIN
8.CROSS TALK ATTENUATION:
(1-10 MHz): BETWEEN CHANNELS: -30 dB MIN
*REFERENCED TO FILTER OUTPUT AT 5.0 MHz
C.DIMENSIONS & SCHEMATIC: (unit mm)


Similar Part No. - FS94NS

ManufacturerPart #DatasheetDescription
logo
Alpha Company Ltd.
FS90 ALPHAC-FS90 Datasheet
81Kb / 1P
Active Heat Sink
logo
Infineon Technologies A...
FS900R08A2P2_B31 INFINEON-FS900R08A2P2_B31 Datasheet
1Mb / 15P
HybridPACKª 2 Module
V3.2, 2017-08-30
FS900R08A2P2_B32 INFINEON-FS900R08A2P2_B32 Datasheet
1Mb / 15P
HybridPACKª 2 Module
V3.0, 2017-06-14
logo
Alpha Company Ltd.
FS9025 ALPHAC-FS9025 Datasheet
81Kb / 1P
Active Heat Sink
FS9025PU ALPHAC-FS9025PU Datasheet
81Kb / 1P
Active Heat Sink
More results

Similar Description - FS94NS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6293G PCA-EPE6293G Datasheet
53Kb / 1P
10 Base -T PCMCIA Interface Module
logo
Bothhand USA, LP.
FS2007R BOTHHAND-FS2007R Datasheet
222Kb / 2P
10 BASE-T ETHERNET SMD FILTER
FS2022-1 BOTHHAND-FS2022-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022C BOTHHAND-FS2022C Datasheet
36Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS1124 BOTHHAND-FS1124 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD PCMCIA FILTER
FS1124 BOTHHAND-FS1124_1 Datasheet
265Kb / 1P
10 BASE-T ETHERNET SMD PCMCIA FILTER
FS2022-2 BOTHHAND-FS2022-2_1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B_2 Datasheet
183Kb / 1P
10 BASE-T ETHERNET SMD FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com