Electronic Components Datasheet Search
  English  ▼

X  

FS2009A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2009A
Description  10 BASE-T ETHERNET SMD FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2009A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2009A Datasheet HTML 1Page - Bothhand USA, LP. FS2009A Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 BASE-T ETHERNET SMD FILTER
BOTHHAND
USA
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Designed for 10 BASE-T applications.
Fully compatible with IEEE 802.3 standard.
16-PIN SMD low profile package.
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range: 0℃ to +70℃
Isolation Voltage: 1500Vrms
CUT-OFF Frequency: 17 MHz ± 1.5MHz
Note:“*” Operating temperature range: -40℃ to +85℃
Turns
Ratio
Insertion Loss
TX/RX
(dB Max)
Return Loss
TX/RX
(dB Min)
Cross talk
(dB Min)
Common mode
Rejection TX/RX
(dB Min)
Attenuation
TX/RX (dB Min)
Part
Number
TX
RX
1~10MHz
5-10MHz 1-10 MHz 1-10 MHz
30-100MHz
20MHz 25 MHz 30 MHz 40 MHz
FS2007R
1:1
-5.0
-13.5
-
-25
-30
-7/-6
-19/-14 -30/-20 -32/-31
FS2007RM*
1:1
-5.0
-13.5
-
-25
-30
-7/-6
-19/-14 -30/-20 -32/-31
FS2009
1CT:1.41/1CT:1
-1.0
-
-14
-30
-30
-7/-5
-18/-11 -28/-16 -33/-26
FS2009A
1CT:1.41CT/1CT:1
-1.0
-
-14
-30
-30
-7/-5
-18/-11 -28/-16 -33/-26
FS2009M*
1CT:1.41/1CT:1
-1.0
-
-14
-30
-30
-7/-5
-18/-11 -28/-16 -33/-26
Mechanicals


Similar Part No. - FS2009A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2009A BOTHHAND-FS2009A Datasheet
178Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009A BOTHHAND-FS2009A_1 Datasheet
178Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
More results

Similar Description - FS2009A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2022-1 BOTHHAND-FS2022-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-1 BOTHHAND-FS2022B-1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-2 BOTHHAND-FS2022B-2 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022C BOTHHAND-FS2022C Datasheet
36Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022-2 BOTHHAND-FS2022-2_1 Datasheet
32Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B-1 BOTHHAND-FS2022B-1_1 Datasheet
182Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022B BOTHHAND-FS2022B_2 Datasheet
183Kb / 1P
10 BASE-T ETHERNET SMD FILTER
FS2022 BOTHHAND-FS2022_1 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com