Electronic Components Datasheet Search
  English  ▼

X  

HDL2010 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDL2010
Description  LC FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDL2010 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDL2010 Datasheet HTML 1Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 2Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 3Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 4Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 5Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 6Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 7Page - Shoulder Electronics Limited. HDL2010 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LC FILTER
HD L2010
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 4 of 8
PASSBAND
(MHz)
STOPBANDS(MHz)
VSWR(:1)
Fco(MHz)
Nom
Loss 3db
Loss<1dB
Loss>20dB
Loss>40dB
Passband
Typ.
Stopband
Typ.
35
DC-30
47-61
61-200
1.7
18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com