Electronic Components Datasheet Search
  English  ▼

X  

HDL2140 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDL2140
Description  LC FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDL2140 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDL2140 Datasheet HTML 1Page - Shoulder Electronics Limited. HDL2140 Datasheet HTML 2Page - Shoulder Electronics Limited. HDL2140 Datasheet HTML 3Page - Shoulder Electronics Limited. HDL2140 Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LC FILTER
HD L2140
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 4
1. FEATURES
Excellent rejection
Good VSWR,1.5:1 typ. @ Passband
2. APPLICATIONS
Receivers/Transmitters
PMR/PAMR
Base station
3. ELECTRICAL SPECIFICATION
Operation temperature
-40℃ to +85℃
Storage temperature
-55℃ to +100℃
RF Power Input
0.5W max
3-1.Typical frequency response
PASSBAN
D
(MHz)
STOPBANDS(MHz)
VSWR(:1)
CENTER
FREQ
(MHz)
Loss<3.0dB
Loss>15dB
Loss>30dB Loss>45dB
Loss>40dB
Loss>25
±3dB
Passband
Max
210
.864
199.392-22
2.336
150-170
110-150
0-110
300-1000
1000-2000
2000-30
00
1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com