Electronic Components Datasheet Search
  English  ▼

X  

S1021 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S1021
Description  T1/CEPT/ISDN-PRI TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S1021 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S1021 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared : Qingli wu
Approved: Xu wenbin
Date : 2001/01/28
Drawing no.: ISDN Transformer
REV.: A0
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMER
P/N: S1021 DATA SHEET
A. General Specifications:
1. Single port T1/E1 solution .
2. Configurable for TP and Coax cable termination .
3. Transfer-molded, IC-grade packaging .
4. Dual surface mount, small package .
B. Electrical Specifications@ 25°C :
1. Turns Ratio(Pri.:Sec±2%): 2CT:1/1.26 (1-3:15-14/16-14) & 2CT:1/1.26(11-9:7-8/6-8)
2. OCL: 1.5 mH Min. & 1.5 mH Min.
3. Cw/w: 40 pF Max. & 40 pF Max.
4. Leakage Inductance : 0.5 µH Max. & 0.5 µH Max
5. PRI. DCR : 0.70 Ω Max. & 0.70 Ω Max.
6. SEC. DCR : 1.0 Ω Max. & 1.0 Ω Max.
7. Primary Pins : 1-3, 11-9
8. PRI./SEC. Isolation : 1500Vrms.
C. Schematic & Mechanical :


Similar Part No. - S1021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1021 BOTHHAND-S1021 Datasheet
79Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S1021 BOTHHAND-S1021_1 Datasheet
79Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S1021

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
T1/CEPT/ISDN-PRI Transformer
PT74344 BOURNS-PT74344 Datasheet
143Kb / 1P
T1/CEPT/ISDN-PRI Transformer
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
T1/CEPT/ISDN-PRI Transformer
logo
XFMRS Inc.
XF9030 XFMRS-XF9030 Datasheet
62Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
T1/ CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com