Electronic Components Datasheet Search
  English  ▼

X  

SP9909 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP9909
Description  40~62 Watts Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP9909 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP9909 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
Unit: m.m.
JST B9P-VH or Equivalent
JST B3P2-VH or Equivalent
CN2
CN1
Ref. No.
Connector Type
JST VHR-9N or Equivalent
JST VHR-3N or Equivalent
Mating Connector Type
OUTPUTS
<
<
<
<
SP9909
Series
40~62 Watts Switching Power Supply
FEATURES
●Industry Standard 3”x5” Size.
●90-264Vac Universal Input
●CISPR’B’ Compliance
●100% Burn-In Test
●Over Voltage Protection Installation
●Short-Circuit Protection Installation
●Protection Type: Auto-Recovery
SPECIFICATION
Model
Item
SP9909
SP9909A
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Efficiency
65% Typical
69% Typical
Operating Temperature
0~50℃
Storage Temperature
-20~85℃
Weight
230g/8.1oz
Safety Description
---
(*): Under Development
(I/P): In Process
Model No.
SP9909
SP9909A
Vo1
Vo2
Vo1
Vo2
Vo
+3.3V
+5V
+5V
+12V
Min
2A
0.3A
2A
0.2A
Rated
10A
1.5A
10A
1A
Load
Surge
---
---
---
---
Line
1%
1%
1%
1%
Regulation
Load
3%
5%
3%
5%
Tolerance
+/-5%
+/-5%
+/-5%
+/-5%
Ripple
Noise
50mV
50mV
50mV
120mV


Similar Part No. - SP9909

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
39 Watts Switching Power Supply
More results

Similar Description - SP9909

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
39 Watts Switching Power Supply
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
60 Watts Switching Power Supply
logo
List of Unclassifed Man...
ENO-0804A3 ETC2-ENO-0804A3 Datasheet
336Kb / 4P
specification describes the requirements of 40 watts switching power supply
logo
ETA-USA
OCH40D ETA-USA-OCH40D Datasheet
526Kb / 6P
DC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 40 WATTS
OCH40S ETA-USA-OCH40S Datasheet
548Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS
OCH40T ETA-USA-OCH40T Datasheet
530Kb / 6P
DC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com