Electronic Components Datasheet Search
  English  ▼

X  

SP9927 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SP9927
Description  30 Watts Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SP9927 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SP9927 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
OUTPUTS
Unit: m.m.
CN1
Ref. No.
JST B3P2-VH or Equivalent
Connector Type
<
<
<
<
SP9927
Series
30 Watts Switching Power Supply
FEATURES
●Set-Top Box Standard Size.
●Remote-Control Function
●Stand-By Output Provide
●High Efficiency (70%Typ.)
●90-264Vac Universal Input
●CISPR’B’ & CNS’B’ Compliance
●Short-Circuit Protection, OVP Installation
SPECIFICATION
Model
Item
SP9927
SP9927A
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Efficiency
67% Typical
72% Typical
Operating Temperature
0~50℃
Storage Temperature
-20~85℃
Weight
220g
Safety Description
UL, CUL, TUV
(*): Under Development
(I/P): In Process
Model No.
SP9927
SP9927A
Vo1 Vo2 Vo3 Vo4 Vo5 Vo1 Vo2 Vo3 Vo4
Vo
(V)
+5
+12 -12
3.3 5sb
+5
+12 -12
3.3
Min
0.5
0
0
0
0
0.5
0
0
0
Rated (1)
1.5
1.5
0.5
0.5
0.5
1.5
1.5
0.1
0.5
Load
(A)
Rated (2)
2
0.5
2.5
2.5
0.5
2
0.5
0.1
2.5
Line
1
1
1
1
1
1
1
1
1
Regulation
(%)
Load
5
8
5
5
5
5
8
10
5
Tolerance
(+/-%)
5
8
10
5
5
5
8
10
5
Ripple/Noise
(mV)
50
240 240
50
50
50
240 240
50


Similar Part No. - SP9927

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
More results

Similar Description - SP9927

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
T40-9311 BOTHHAND-T40-9311 Datasheet
45Kb / 1P
43 Watts Switching Power Supply
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
SP9908 BOTHHAND-SP9908 Datasheet
49Kb / 1P
39 Watts Switching Power Supply
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
SP20108 BOTHHAND-SP20108 Datasheet
44Kb / 1P
6.6 Watts Switching Power Supply
SP20112 BOTHHAND-SP20112 Datasheet
44Kb / 1P
60 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
60 Watts Switching Power Supply
logo
ETA-USA
OCH30S ETA-USA-OCH30S Datasheet
541Kb / 6P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com