Electronic Components Datasheet Search
  English  ▼

X  

S5745 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5745
Description  ISOLATION TRANSFORMER FOR 10 BASE-T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5745 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5745 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Luo Ming Li
Approved: Xu Wenbing
Date : 2001/07/16
Drawing no.: ISDN Transformer
REV.: A1
Page : 1/1
ISOLATION TRANSFORMER FOR 10 BASE -T
P/N:S5745 DATA SHEET
A. General Specifications:
1. Available with common mode chokes for EMI suppression
2. Surface mount, IC grade, transfer -molded package withstands 235C peak temperature profile
3. Through hole auto- insertable, 16-pin DIP package
4. Operating temperature: 0C to 70C
B. Electrical Specifications @ 25
0C:
1. Turns Ratio(±5%) : TX=1CT:1.414CT & RX=1CT:1CT
2. Sine Wave Inductance OCL : 140 uH Min @ 100KHz/20m V
3. Leakage Inductance L.L : 0.20 µH Max @ 100KHz/20mV
4. Interwinding Capacitance CW/W : 12 pF Max @ 100KHz/20mV
5. DCR : 0.3O Max
6. Primary Pins: 6-8,1-3
5. HI-POT: 2000Vrms
C. Schematics & Mechanical:


Similar Part No. - S5745

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S574-1000-06 BEL-S574-1000-06 Datasheet
52Kb / 1P
MODEM TRANSFORMER
S574-1000-17 BEL-S574-1000-17 Datasheet
51Kb / 1P
V.34 SRF. MNT. MODEM TRANSFORMERS S574-1000-17 and S574-1000-18
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
More results

Similar Description - S5745

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5018 BOTHHAND-S5018 Datasheet
91Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS060 BOTHHAND-TS060 Datasheet
208Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS7010A BOTHHAND-TS7010A Datasheet
207Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS8023LF BOTHHAND-TS8023LF Datasheet
74Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com