Electronic Components Datasheet Search
  English  ▼

X  

S5813 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5813
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5813 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5813 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/03/10
Drawing no.: ISDN Transformer
REV.: A0
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMERS
P/N: S5813 DATA SHEET
A. General Specifications:
1. Dual SMT package contains both transmit and receive transformer
2. Models matched to leading transceiver ICs
3. Isolation voltage: 1500Vrms
B. Electrical Specifications @ 25
0C.
1. Turns Ratio(±2%) : 1:1:1:1 Pin(1-2):(3-4):(8-7):(6-5)
2. OCL : 1.8 mH ±15% @1KHz, 0.25V
3. L.L : 0.5 µH Max.
4. Cw/w : 40 pF Max.
5. DCR(Pri) : 0.7 Ω Max.
C. Schematic & Mechanical:


Similar Part No. - S5813

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5813A SII-S5813A Datasheet
440Kb / 19P
CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S5813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
X0013T3M XFMRS-X0013T3M_15 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-41 XFMRS-XF0013-41_15 Datasheet
45Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com