Electronic Components Datasheet Search
  English  ▼

X  

S5821 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5821
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5821 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5821 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/02/04
Drawing no.: ISDN Transformer
REV.: A2
Page : 1/1
T1/CEPT/ISDN-PRI TRANSFORMERS
P/N:S5821 DATA SHEET
A. General Specifications:
1. Extended and standard temperature range models
2. Dual surface mount package contains both transmit and receive
3. Models matched to leading transceiver 1Cs
4. 1500Vrms isolation voltage
5. Operating temperature range:-40°C to +85°C
B. Electrical Specifications @ 25
0C.
1. Turns Ratio(Pri:Sec±5%) :12-10:1-3=1:2CT ,4-6:9-7=1:2CT
2. OCL : 1.2mH Min & 1.2mH Min @100KHz/0.2Vrms
3. L.L(sec) : 0.8 µH Max & 0.8 µH Max
4. Cw/w : 50 pF Max & 50 pF Max
5. DCR(Pri) : 1.0 Ω Max & 1.0 Ω Max
6. DCR(Sec ): 1.70 Ω Max & 1.70 Ω Max
7. Primary Pins : 12-10 , 4-6
C. Schematics & Mechanical:


Similar Part No. - S5821

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5821 HAMAMATSU-S5821 Datasheet
111Kb / 4P
High performance, high reliability Si PIN photodiodes
logo
Galaxy Semi-Conductor H...
S5821 BILIN-S5821 Datasheet
95Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
S5821 LUGUANG-S5821 Datasheet
197Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
S5821 SUNMATE-S5821 Datasheet
272Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diode Semiconductor Kor...
S5821 DSK-S5821 Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S5821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
X0013T3M XFMRS-X0013T3M_15 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-41 XFMRS-XF0013-41_15 Datasheet
45Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com