Electronic Components Datasheet Search
  English  ▼

X  

HSDL-3602 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  HSDL-3602 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
Caution: The BiCMOS inherent to the design of this component increases the component’s susceptibility to damage
from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of
this component to prevent damage and/or degradation, which may be induced by ESD.
Marking Information
The HSDL-3602-007/-037 is marked ‘3602YYWW’ on
the shield where ‘YY’ indicates the unit’s manufacturing
year, and ‘WW’ refers to the work week in which the unit
is tested.
Absolute Maximum Ratings[7]
Parameter
Symbol
Minimum
Maximum
Unit
Conditions
Storage Temperature
TS
–40
+100
˚C
Operating Temperature
TA
–20
+70
˚C
DC LED Current
ILED (DC)
165
mA
Peak LED Current
ILED (PK)
650
mA
≤ 90 µs pulse width,
≤ 25% duty cycle
750
mA
≤ 2 µs pulse width,
≤ 10% duty cycle
LED Anode Voltage
VLEDA
–0.5
7
V
Supply Voltage
VCC
0
7
V
Transmitter Data Input Current
ITXD (DC)
–12
12
mA
Receiver Data Output Voltage
VO
–0.5
VCC + 0.5
V
|IO(RXD)| = 20 µA
Note:
7. For implementations where case to ambient thermal resistance ≤ 50˚C/W.
0.7
LEDA VOLTAGE (V)
0.3
HSDL-3602 Graph 1
1.7
2.1
0
0.1
1.3
2.3
0.5
1.5
1.9
0.6
0.4
0.2
LEDA vs LEDA
450
ILED (A)
200
HSDL-3602 Graph 2
0.3
0.6
0
50
0
0.7
350
0.1
0.4
400
300
100
250
150
0.2
0.5
LIGHT OUTPUT POWER (LOP) vs ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com