Electronic Components Datasheet Search
  English  ▼

X  

TLP115A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP115A
Description  High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP115A Datasheet HTML 1Page - Toshiba Semiconductor TLP115A Datasheet HTML 2Page - Toshiba Semiconductor TLP115A Datasheet HTML 3Page - Toshiba Semiconductor TLP115A Datasheet HTML 4Page - Toshiba Semiconductor TLP115A Datasheet HTML 5Page - Toshiba Semiconductor TLP115A Datasheet HTML 6Page - Toshiba Semiconductor TLP115A Datasheet HTML 7Page - Toshiba Semiconductor TLP115A Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP115A
2002-09-25
4
Switching Characteristics (VCC = 5V, Ta = 25°C)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time (H→L)
tpHL
1
IF = 0→7.5mA
CL = 15pF, RL = 350Ω
―
60
120
ns
Propagation delay time (L→H)
tpLH
1
IF = 7.5→0mA
CL = 15pF, RL = 350Ω
―
60
120
ns
Output rise fall time(10
-90%)
tr , tf
2
RL = 350, CL = 15pF
IF = 0↔7.5mA
―
30
―
ns
Common mode transient
immunity at high output
level
CMH
2
IF = 0 mA,
VCM = 400Vp-p, VO(MIN)=2V
RL = 350Ω
1000
―
―
V / µs
Common mode transient
immunity at low output
level
CML
2
IF = 7.5 mA, VCM = 400Vp-p
VO(MAX) = 0.8V,
RL = 350Ω
-1000
―
―
V / µs
(Note 4) Device considered a two
-terminal device: Pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
(Note 5) The VCC supply voltage to each TLP115A isolator must be bypassed by 0.1µF capacitor. This can be
either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be
connected as close as possible to package VCC and GND pins of each device.
(Note 6) Maximum electrostatic discharge voltage for any pins: 180V(C = 200pF, R = 0)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com