Electronic Components Datasheet Search
  English  ▼

X  

G70B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G70B
Description  T 1-3/4 (5 mm) Panel Mount Led Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G70B Datasheet(HTML) 1 Page - IDEA.lnc.

  G70B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
A-48
T 1-3/4 (5 mm) Panel Mount Led Assembly
G70B, G71B and G703B Series
These panel mount assemblies are designed to snap into a nominal 1/4” hole from the front of the panel. The G70B and G703B have
wires attached. These wires are UL 1061, 26 AWG, PVC insulated multi-strand wire with 3 mm ends stripped & tinned. The G70B is
two-leaded and comes in all variations of dice and color, including bi-color (2 dice mounted back-to-back). The G703B incorporates a
three-leaded LED with two dice in a common cathode configuration. It is available either as Red/Green, EG, or as Yellow/Green, YG.
Series resistors can be added for operation at non-standard voltages.
Specify part desired as follows:
G70B/Order Code-L (Wire length in inches; 6" and 24" are standard)
G71B/Order Code; G703B/EG or YG-L.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
2.0
36
5-10
Hi Eff Red
I
635
2.0
9.0
36
10-20
Green
G
565
2.1
9.0
36
10-20
Yellow
Y
585
2.0
7.0
36
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
30
16
10-20
Green
GT
565
2.1
30
16
10-20
Yellow
YT
585
2.0
28
16
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.6 @ 2mA
36
2-10
Hi Eff Red
I2
635
2.1
2.0 @ 2mA
36
2-10
Green
G2
565
2.0
2.0 @ 2mA
36
2-10
Yellow
Y2
585
2.0
2.0 @ 2mA
36
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
4.5
36
5 V
Green
G5
565
-
4.5
36
5 V
Yellow
Y5
585
-
4.5
36
5 V
Tinted Diffused
12V Operation
Hi Eff Red
IB
635
-
4.5
36
12 V
Green
GB
565
-
4.5
36
12 V
Yellow
YB
585
-
4.5
36
12 V
White Diffused
Bipolar, Bicolor
Hi Eff Red/Grn
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
Red/Green
SG
660/570
1.8/2.2
6.0/2.5
-
10-20
1.0 min
15.0 min
G71B
Anode
Black
Red
G70B schematic
4.2
±.5
0.8
11.3
6.1 dia
1.5x4.5x0.2 3 pls
L = total length of wire
G70B(2-leaded) or G703B(3-leaded)
Black
Color
G703B schematic
Color


Similar Part No. - G70B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G700500250G ETC2-G700500250G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Goford Semiconductor
G700P06D3 GOFORD-G700P06D3 Datasheet
653Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D3A GOFORD-G700P06D3A Datasheet
924Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D5 GOFORD-G700P06D5 Datasheet
950Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06H GOFORD-G700P06H Datasheet
816Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G70B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Everlight Electronics C...
7343-R5C2-AQTB EVERLIGHT-7343-R5C2-AQTB Datasheet
97Kb / 7P
5 mm Round LED, T-1 3/4
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
5 mm Round White LED (T-1 3/4)
logo
IDEA.lnc.
G33M IDEA-G33M Datasheet
52Kb / 1P
T-1 (3 mm) Panel Mount LED Indicator
G53M IDEA-G53M Datasheet
26Kb / 1P
T-1-3/4 (5 mm) Panel Mount LED Indicator
G70F IDEA-G70F Datasheet
22Kb / 1P
T-1-3/4 (5 mm) Panel Mount Led Assembly
logo
LUMEX INC.
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com