Electronic Components Datasheet Search
  English  ▼

X  

G74B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G74B
Description  T-1-3/4 Double Height, Right-Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G74B Datasheet(HTML) 1 Page - IDEA.lnc.

  G74B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
A-39
T-1-3/4 Double Height, Right-Angle LED Assembly
G74B Series
The G74B is a double height indicator assembly made up of two T-1-3/4 LEDs. It is available with a wide choice of colors, brightnesses,
operating voltages and even in bi-color. It allows the designer to place two indicators one on top of the other and is the vertical imple-
mentation of the G642B which is horizontal. For multiple pair applications, the G75B interlocking version is recommended for ease of
holding the lamps in good alignment. This series is also available with polarity of each LED reversed. Specify that by adding “-RL” after
the order code.
Specify part desired as follows:
G74B/Order Code + Order Code
For example:
“G74B/I+G” designates an assembly with a red LED on top and a green LED on the bottom.
“G74B/(I+G)-RL” designates the same assembly with reversed polarity.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
2.0
36
5-10
Hi Eff Red
I
635
2.0
9.0
36
10-20
Green
G
565
2.1
9.0
36
10-20
Yellow
Y
585
2.0
7.0
36
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
30
16
10-20
Green
GT
565
2.1
30
16
10-20
Yellow
YT
585
2.0
28
16
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.6 @ 2mA
36
2-10
Hi Eff Red
I2
635
2.1
2.0 @ 2mA
36
2-10
Green
G2
565
2.0
2.0 @ 2mA
36
2-10
Yellow
Y2
585
2.0
2.0 @ 2mA
36
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
4.5
36
5 V
Green
G5
565
-
4.5
36
5 V
Yellow
Y5
585
-
4.5
36
5 V
Tinted Diffused
12V Operation
Hi Eff Red
IB
635
-
4.5
36
12 V
Green
GB
565
-
4.5
36
12 V
Yellow
YB
585
-
4.5
36
12 V
White Diffused
Bipolar, Bicolor
Hi Eff Red/Grn
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
Red/Green
SG
660/570
1.8/2.2
6.0/2.5
-
10-20
4.8
4.8±.5
7.6
5±1
11±.3
0.5
3.5 min
2.54
6.2
2.54
Hole pattern:
0.9 (.035") dia. on
2.54 (0.1") centers
TopLED
BottomLED
+
-
+
-
Single Color
Bi-color
Grn +
Grn +
Red or Yel +
Red or Yel +


Similar Part No. - G74B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
G746 SANKEN-G746 Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
logo
List of Unclassifed Man...
G747 ETC1-G747 Datasheet
344Kb / 2P
Desktop Cases
logo
Multicomp Pro
G747 MULTICOMP-G747 Datasheet
337Kb / 2P
G7 Series - Plastic Desktop Cases
31/07/20 V1.0
logo
List of Unclassifed Man...
G747A ETC2-G747A Datasheet
130Kb / 1P
Desktop Cases
G748 ETC2-G748 Datasheet
130Kb / 1P
Desktop Cases
More results

Similar Description - G74B

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G72B IDEA-G72B Datasheet
25Kb / 1P
T-1-3/4 Double Height, Right-Angle LED Assembly
G73XB IDEA-G73XB Datasheet
30Kb / 1P
T-1-3/4 Double Height, Right-Angle LED Assembly
G75XB IDEA-G75XB Datasheet
29Kb / 1P
T-1-3/4 Double Height, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
T-1-3/4, Right-Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com