Electronic Components Datasheet Search
  English  ▼

X  

G78B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G78B
Description  T-1, (3-mm) Round, Bi-level PCB Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G78B Datasheet(HTML) 1 Page - IDEA.lnc.

  G78B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ledidea.com
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
2005G
T-1, (3-mm) Round, Bi-level PCB Mount
LED Indicator, G78B Series
The G78B is one of the most popular indicators in LAN hubs and network controllers. Designed to save panel space, the assembly
measures just over 4.3 mm(0.170") in width. Long arrays should be located on a pitch of 4.4 mm(0.173") to avoid crowding and tolerance
build-up. For long arrays, also investigate our G784B series which is designed to replace 4 assemblies and is matched to the G78B in
height, depth and lamp location.
Specify part desired as follows:
G78B/Order Code LED1 + Order Code LED 2
For example:
“G78B/H+G” designates an assembly with a red LED on top and a green LED on the bottom.
“G78B/(H+G)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Hi Eff Red
I
635
2.0
10
60
10-20
Green
G
565
2.1
10
60
10-20
Yellow
Y
585
2.0
10
60
10-20
Orange
O
610
2.0
10
60
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
40
40
10-20
Green
GT
565
2.1
40
40
10-20
Yellow
YT
585
2.0
40
40
10-20
Tinted Diffused
For 2mA Operation
Hi Eff Red
I2
635
2.0
1.0 @ 2mA
60
2-10
Green
G2
565
2.1
1.0 @ 2mA
60
2-10
Yellow
Y2
585
2.0
1.0 @ 2mA
60
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
10
60
5 V
Green
G5
565
-
10
60
5 V
Yellow
Y5
585
-
10
60
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.0/2.1
4 / 4
90
10-20
Yellow/Green
YG
585/565
2.0/2.1
4 / 4
90
10-20
Red/Yellow
EY
635/585
2.0/2.0
4 / 4
90
10-20
4.3 (0.17)
Anode typ
5.08
2.54
2.54
9.0(.355)
2.5±.5
3 typ
5.08
2.54
9.65
3.5 min
LED 1
LED 2
IDEA
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
IDEA


Similar Part No. - G78B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G78-04 OMRON-G78-04 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G78-04 OMRON-G78-04 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G78-E OMRON-G78-E Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G78-E OMRON-G78-E Datasheet
82Kb / 2P
Relay I/O Block Components Overview
logo
Global Mixed-mode Techn...
G780 GMT-G780 Datasheet
162Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
More results

Similar Description - G78B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G61XB IDEA-G61XB Datasheet
76Kb / 1P
T-1, (3-mm) Round, PCB Mount
G61XS IDEA-G61XS Datasheet
321Kb / 1P
T-1, (3-mm) Round, PCB Mount
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com