Electronic Components Datasheet Search
  English  ▼

X  

G83B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G83B
Description  T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G83B Datasheet(HTML) 1 Page - IDEA.lnc.

  G83B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ledidea.com
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 2005G
T-1, (3-mm) Round, Tri-level PCB Mount
LED Indicator, G83B Series
The G83B is a right-angle view assembly of 3 T-1 LEDs arranged in a column. This indicator array is designed to be the extension of the
G78B. When used in conjunction with the G78B the two lower LEDs line up both vertically and horizontally with the two lamps in the lat-
ter. Recommended pitch is 4.4 mm(0.173") when a large number of units are placed side-by-side. That would allow intermixing 3-high
and 2-high indicators on the same panel. This series can also be supplied with pinout reversed from that shown by adding “-RL” to the
order code of the part number.
Specify part desired as follows:
G83B/Order Code LED1 + Order Code LED 2 + Order Code LED 3
For example:
“G83B/H+Y+G” designates red LED on top, yellow LED in the middle and green LED on the bottom.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Hi Eff Red
I
635
2.0
10
60
10-20
Green
G
565
2.1
10
60
10-20
Yellow
Y
585
2.0
10
60
10-20
Orange
O
610
2.0
10
60
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
40
40
10-20
Green
GT
565
2.1
40
40
10-20
Yellow
YT
585
2.0
40
40
10-20
Tinted Diffused
For 2mA Operation
Hi Eff Red
I2
635
2.0
1.0 @ 2mA
60
2-10
Green
G2
565
2.1
1.0 @ 2mA
60
2-10
Yellow
Y2
585
2.0
1.0 @ 2mA
60
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
10
60
5 V
Green
G5
565
-
10
60
5 V
Yellow
Y5
585
-
10
60
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.0/2.1
4 / 4
90
10-20
Yellow/Green
YG
585/565
2.0/2.1
4 / 4
90
10-20
Red/Yellow
EY
635/585
2.0/2.0
4 / 4
90
10-20
4.3 (0.17)
Anode typ
5.08(0.20)
2.54
2.54
5.08(0.20)
11.5(0.45)
2.5±.5
3 typ
5.08
2.54
2.54
14.7(0.58)
3.5 min
LED 1
LED 2
LED 3
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
0.5 sq typ


Similar Part No. - G83B

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
G83-14501 CHERRY-G83-14501 Datasheet
80Kb / 2P
Keyboard with Integrated Fingerprint Sensor and Optional PC/SC Smart Card Reader: Key Benefits
G83-14501LPBEU-2 CHERRY-G83-14501LPBEU-2 Datasheet
240Kb / 2P
Keyboard with Integrated Fingerprint Sensor and Optional PC/SC Smart Card Reader
G83-6000 CHERRY-G83-6000 Datasheet
55Kb / 1P
L O W C O S T D ATA ENTRY KEYBOARD
G83-6104 CHERRY-G83-6104 Datasheet
187Kb / 2P
G83-6104 Business Keyboard
G83-6105LPQGB-0 CHERRY-G83-6105LPQGB-0 Datasheet
31Kb / 1P
Standard PC Keyboard
More results

Similar Description - G83B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G183B IDEA-G183B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
G294H IDEA-G294H Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J83B IDEA-J83B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J94B IDEA-J94B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com