Electronic Components Datasheet Search
  English  ▼

X  

G84B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G84B
Description  Oblong, Domed, PCB Mount Right Angle LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G84B Datasheet(HTML) 1 Page - IDEA.lnc.

  G84B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A 0708
Oblong, Domed, PCB Mount
Right Angle LED Indicator, G84B Series
These right angle indicators are specifically designed to achieve four indicators in less than 1/2" overall height. The domed LED provides
the visual effect and brightness of standard T-1 lamps while allowing tight packaging. This series can also be supplied with pinout
reversed from that shown by adding "-RL" to the order code of the part number.
Specify part desired as follows: (Positions 1 thru 4 are counted from top down)
G84B/Order Code 1 + Order Code 2 + Order Code 3 + Order Code 4
For example:
“G84B/I +2Y+G” designates an assembly with a red LED on top, 2 yellow LEDs in the center, and a green LED
on the bottom. "G84B/4G-RL" designates an assembly with 4 green LEDs with all lamps having reversed polarity.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
1.6
40
5-10
Hi Eff Red
I
635
2.0
4.5
40
10-20
Green
G
565
2.1
4.5
40
10-20
Yellow
Y
585
2.0
4.5
40
10-20
Orange
O
610
2.0
4.5
40
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
11
20
10-20
Green
GT
565
2.1
15
20
10-20
Yellow
YT
585
2.0
10
20
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.2 @ 2mA
40
2-10
Hi Eff Red
I2
635
2.1
1.4 @ 2mA
40
2-10
Green
G2
565
2.0
1.2 @ 2mA
40
2-10
Yellow
Y2
585
2.0
1.2 @ 2mA
40
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
4.5
40
5 V
Green
G5
565
-
4.5
40
5 V
Yellow
Y5
585
-
4.5
40
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
2.2±.5
5.08
2.54
typ
2.54
2.54 typ
14.0
12.0
5.08
2.54
+ typ
3
2 typ
+
–
(typ for single color)
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
Pin Connection:
3.5 min
0.5 sq typ


Similar Part No. - G84B

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
G84-4100 CHERRY-G84-4100 Datasheet
2Mb / 2P
Rack Mount Systems
G84-4400 CHERRY-G84-4400 Datasheet
64Kb / 2P
Compact Keyboard Ultraslim Series Keyboards
G84-4700 CHERRY-G84-4700 Datasheet
517Kb / 2P
Ideal for right- and left-hand users
G84-5200 CHERRY-G84-5200 Datasheet
395Kb / 2P
XS Complete Keyboard
G84-5200LCMXX-0 CHERRY-G84-5200LCMXX-0 Datasheet
108Kb / 2P
Slim, compact keyboard with full layout incl. numeric keypad.
More results

Similar Description - G84B

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
OED-CL-1556SN LUMEX-OED-CL-1556SN Datasheet
55Kb / 1P
RIGHT ANGLE, DOMED 880nm INFRARED LED
OED-CL-1556SN-RP LUMEX-OED-CL-1556SN-RP Datasheet
54Kb / 1P
RIGHT ANGLE, DOMED 880nM INFRARED LED
logo
IDEA.lnc.
G2308B IDEA-G2308B Datasheet
27Kb / 1P
Oblong, Domed, PCB Mount
G2308S IDEA-G2308S Datasheet
28Kb / 1P
Oblong, Domed, PCB Mount
G84H IDEA-G84H Datasheet
50Kb / 1P
Oblong, Domed, PCB Mount Right Angle LED Indicator
G107B IDEA-G107B Datasheet
23Kb / 1P
Rectangular LED Indicator, Right-angle, PCB Mount
G946B IDEA-G946B Datasheet
50Kb / 1P
T-1 LED Indicator, Right-angle, PCB Mount
J946B IDEA-J946B Datasheet
41Kb / 1P
T-1 LED Indicator, Right-angle, PCB Mount
logo
P-tec Corporation
PL302ST-1G13 P-TEC-PL302ST-1G13 Datasheet
30Kb / 1P
Right Angle PCB Indicator
logo
LUMEX INC.
OED-CL-1556SN LUMEX-OED-CL-1556SN_17 Datasheet
124Kb / 1P
Right Angle Domed 880mm Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com