Electronic Components Datasheet Search
  English  ▼

X  

LU3S092 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU3S092
Description  1X3 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU3S092 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU3S092 Datasheet HTML 1Page - Bothhand USA, LP. LU3S092 Datasheet HTML 2Page - Bothhand USA, LP. LU3S092 Datasheet HTML 3Page - Bothhand USA, LP. LU3S092 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA.
1X3 RJ45 CONNECTOR MODULE WITH INTEGRATED
10/100 BASE-TX MAGNETICS
RJ-45 connector integrated with X’FMR/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space
Reduce EMI radiation, improve EMI performance.
Design for 100 Base transmission over UTP-5 cable
Operating temperature range: 0℃to +70℃
Storage temperature range: -40℃to +125℃
Electrical specifications @ 25℃
Isolation Voltage : 1500Vrms
Rise time(10-90%): 2.5ns Typ.
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350 uH Min.
Cross talk
(dB Min)
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Differential to
Common Mode
Rejection
(dB Min)
Turns Ratio
(±5%)
L.L
(uH Min)
Part
Number
0.3-80MHz 0.3~100MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-100MHz
TX
RX
CW/W
(pF Max)
TX/RX
TX RX
LU3S041
-35
-1.15
-16
-14
-13.5
-13
-10
-30
1CT:1CT
28
0.5
LU3S041L
-35
-1.15
-16
-14
-13.5
-13
-10
-30
1CT:1CT
28
0.5
LU3S042
-35
-1.15
-16
-14
-13.5
-13
-10
-30
2CT:1CT
1CT:1CT
30
1.3 0.5
LU3S049
-35
-1.15
-16
-14
-13.5
-13
-10
-30
1CT:1CT
28
0.4
LU3S092
-38
-1.15
-16
-14
-13.5
-13
-10
-
1.41CT:1CT 1CT:1CT
30
0.8 0.5
Note:LU3S092 1.CMRR:-40 dB Min @ 0.3-100MHz
2. Insulation resistance:10, 000MΩ @ 500 Vdc
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - LU3S092

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LU30 MACOM-LU30 Datasheet
102Kb / 2P
NEMA Cabinet Legs
logo
Seoul Semiconductor
LU300Z SEOUL-LU300Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LU301 SEOUL-LU301 Datasheet
376Kb / 14P
INFRARED LAMP LED
LU301 SEOUL-LU301 Datasheet
360Kb / 13P
CYAN LAMP LED
LU301 SEOUL-LU301 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LU3S092

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516E1 BOTHHAND-LU1S516E1 Datasheet
99Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041H BOTHHAND-LU1T041H Datasheet
107Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S041XLF BOTHHAND-LU4S041XLF Datasheet
108Kb / 2P
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4S049 BOTHHAND-LU4S049_1 Datasheet
617Kb / 2P
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU4T041FLF BOTHHAND-LU4T041FLF Datasheet
185Kb / 2P
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com