Electronic Components Datasheet Search
  English  ▼

X  

G478B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G478B
Description  T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G478B Datasheet(HTML) 1 Page - IDEA.lnc.

  G478B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ledidea.com
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 2005G
T-1, (3-mm) Round, Bi-level PCB Mount
LED Indicator, G478B Series
The G478B is a popular indicator in LAN hubs and network controllers. Designed to save panel space, the assembly measures just over
4.3 mm(0.170") in width. Long arrays should be located on a pitch of 4.4 mm(0.173") to avoid crowding and tolerance build-up. This
series can also be supplied with pinout reversed from that shown by adding “-RL” to the order code of the part number.
Specify part desired as follows:
G478B/Order Code LED1 + Order Code LED 2
For example:
“G478B/H+G” designates an assembly with a red LED on top and a green LED on the bottom.
“G478B/(H+G)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Hi Eff Red
I
635
2.0
10
60
10-20
Green
G
565
2.1
10
60
10-20
Yellow
Y
585
2.0
10
60
10-20
Orange
O
610
2.0
10
60
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
40
40
10-20
Green
GT
565
2.1
40
40
10-20
Yellow
YT
585
2.0
40
40
10-20
Tinted Diffused
For 2mA Operation
Hi Eff Red
I2
635
2.0
1.0 @ 2mA
60
2-10
Green
G2
565
2.1
1.0 @ 2mA
60
2-10
Yellow
Y2
585
2.0
1.0 @ 2mA
60
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
10
60
5 V
Green
G5
565
-
10
60
5 V
Yellow
Y5
585
-
10
60
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.0/2.1
4 / 4
90
10-20
Yellow/Green
YG
585/565
2.0/2.1
4 / 4
90
10-20
Red/Yellow
EY
635/585
2.0/2.0
4 / 4
90
10-20
4.3 (0.17)
Anode typ
5.08
2.54
2.54
9.0(.355)
4.0
3 typ
5.08
2.54
9.65
3.5 min
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
IDEA
LED 1
LED 2
IDEA


Similar Part No. - G478B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G47 TAYCHIPST-G47 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Sensata Technologies, I...
G47A SENSATA-G47A Datasheet
218Kb / 2P
Single Pole Single Throw - Normally Open
G47B SENSATA-G47B Datasheet
217Kb / 2P
Single Pole Single Throw - Normally Closed
More results

Similar Description - G478B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G78B IDEA-G78B Datasheet
59Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com