Electronic Components Datasheet Search
  English  ▼

X  

G646XB Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G646XB
Description  T-1-3/4, Right-Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G646XB Datasheet(HTML) 1 Page - IDEA.lnc.

  G646XB Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
A-33
T-1-3/4, Right-Angle LED Assembly
G646XB Series (with standoff)
The G646XB series of right-angle indicators is made of a single unit with standoff for PCB cleaning. This series is available with leads
cut to 4 mm as standard. The maximum array is 6 positions. By substituting the numeral 1 through 5 you may tailor the number of lamps
in the array for your application. The series can be supplied with pinout reversed from that shown by adding "-RL" to the order code.
Specify part desired as follows:
G646NB/Order Code1 + Order Code 2 + Order Code 3 + Order Code 4; where N = number of segments.
For example:
“G6464B/I+3G” designates an assembly with 1 red LED on the left and 3 green LEDs to the right
in an array with four lamps.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
2.0
36
5-10
Hi Eff Red
I
635
2.0
9.0
36
10-20
Green
G
565
2.1
9.0
36
10-20
Yellow
Y
585
2.0
7.0
36
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
30
16
10-20
Green
GT
565
2.1
30
16
10-20
Yellow
YT
585
2.0
28
16
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.6 @ 2mA
36
2-10
Hi Eff Red
I2
635
2.1
2.0 @ 2mA
36
2-10
Green
G2
565
2.0
2.0 @ 2mA
36
2-10
Yellow
Y2
585
2.0
2.0 @ 2mA
36
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
4.5
36
5 V
Green
G5
565
-
4.5
36
5 V
Yellow
Y5
585
-
4.5
36
5 V
Tinted Diffused
12V Operation
Hi Eff Red
IB
635
-
4.5
36
12 V
Green
GB
565
-
4.5
36
12 V
Yellow
YB
585
-
4.5
36
12 V
White Diffused
Bipolar, Bicolor
Hi Eff Red/Grn
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
Red/Green
SG
660/570
1.8/2.2
6.0/2.5
-
10-20
6.35
6.1
G646XB
4.0
37.95
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
5.0
5±1
9.0±.3
4.6±.5
G646XB


Similar Part No. - G646XB

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G6401 GTM-G6401 Datasheet
412Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G6401 ETL-G6401 Datasheet
425Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
List of Unclassifed Man...
G6402 ETC2-G6402 Datasheet
381Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
G6402 GTM-G6402 Datasheet
381Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G6402 ETL-G6402 Datasheet
393Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G646XB

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5306 VCC-5306 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307 VCC-5307 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5380 VCC-5380 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5390 VCC-5390 Datasheet
98Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com