Electronic Components Datasheet Search
  English  ▼

X  

G2178B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G2178B
Description  2 x 3 mm, Bi-level PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G2178B Datasheet(HTML) 1 Page - IDEA.lnc.

  G2178B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
A-12
2 x 3 mm, Bi-level PCB Mount
LED Indicator, G2178B Series
The G2178B series is an assembly using two 2 x 3 mm LEDs in a right-angle mount. Designed to save panel space, the assembly mea-
sures just over 4.3 mm(0.170") in width. Long arrays should be located on a pitch of 4.4 mm(0.173") to avoid crowding and tolerance
build-up. This series can also be supplied with pinout reversed from that shown by adding “-RL” to the order code of the part number.
Specify part desired as follows:
G2178B/Order Code LED1 + Order Code LED 2
For example:
“G2178B/G+Y” designates an assembly with a green LED on top and a yellow LED on the bottom.
“G2178B/(G+Y)-RL” designates the same assembly with leads reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
1.6
40
5-10
Hi Eff Red
I
635
2.0
4.5
40
10-20
Green
G
565
2.1
4.5
40
10-20
Yellow
Y
585
2.0
4.5
40
10-20
Orange
O
610
2.0
4.5
40
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
11
20
10-20
Green
GT
565
2.1
15
20
10-20
Yellow
YT
585
2.0
10
20
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.2 @ 2mA
40
2-10
Hi Eff Red
I2
635
2.1
1.4 @ 2mA
40
2-10
Green
G2
565
2.0
1.2 @ 2mA
40
2-10
Yellow
Y2
585
2.0
1.2 @ 2mA
40
2-10
Tinted Diffused
5V Operation
Hi Eff Red
I5
635
-
4.5
40
5 V
Green
G5
565
-
4.5
40
5 V
Yellow
Y5
585
-
4.5
40
5 V
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
4.3 (0.17)
5.08
2.54
2.54
9.0(.355)
2.5±.5
2 typ
5.08
2.54
9.65
3.5 min


Similar Part No. - G2178B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G217 MPD-G217 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G217E MPD-G217E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G217EI MPD-G217EI Datasheet
204Kb / 2P
High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G217I MPD-G217I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
G217RW MPD-G217RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - G2178B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G378B IDEA-G378B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78B IDEA-J78B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J78H IDEA-J78H Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J378B IDEA-J378B Datasheet
44Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J478B IDEA-J478B Datasheet
45Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J784B IDEA-J784B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator Array
J2178B IDEA-J2178B Datasheet
42Kb / 1P
2 x 3 mm, Bi-level PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com