Electronic Components Datasheet Search
  English  ▼

X  

IBHC0358 Datasheet(PDF) 6 Page - IDEA.lnc.

Part # IBHC0358
Description  LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IBHC0358 Datasheet(HTML) 6 Page - IDEA.lnc.

  IBHC0358 Datasheet HTML 1Page - IDEA.lnc. IBHC0358 Datasheet HTML 2Page - IDEA.lnc. IBHC0358 Datasheet HTML 3Page - IDEA.lnc. IBHC0358 Datasheet HTML 4Page - IDEA.lnc. IBHC0358 Datasheet HTML 5Page - IDEA.lnc. IBHC0358 Datasheet HTML 6Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Precautions for Use
1. Over-current prevention:
A series resistor must be used for protection against over-current. Since slight voltage shifts
can cause large current changes and possibly damage the LED.
2. Storage:
2.1. Store the LEDs in the sealed moisture proof bag until ready to use.
2.2. The storage conditions should be below 30°C and 90% RH or less.
2.3. Unused portions of LEDs may be stored in moisture proof packages for up to 1 year if
kept under 30°C and at no more than 60% RH.
2.4. If there is evidence of moisture absorption or if the LEDs have been stored for a long
time, bake the LEDs at 60°C ± 5°C for 24 hours prior to using.
3. Reflow Soldering Conditions:
3.1. Pb-free solder temperature profile (see figure):
3.2. Reflow solder no more than two times and must include time interval for the board to
cool.
3.3. When soldering, do not put stress on the LEDs during heating.
3.4. After soldering, do not warp the circuit board.
4. Hand Soldering:
Use a low wattage soldering iron (below 25 watts) with a tip temperature no more than
350°C for 3 sec or less on one terminal. Wait at least two seconds before soldering the next
terminal to avoid overheating the LED and damaging it.
5. Avoid reworking a soldered LED. It is best to simply replace it with a new part.
IBHC0358
Page 6 of 6
* Specifications subject to change without notice. Dimensions are in mm ±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph: 714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
0901a



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com