Electronic Components Datasheet Search
  English  ▼

X  

TLP250 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP250
Description  TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP250 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP250 Datasheet HTML 1Page - Toshiba Semiconductor TLP250 Datasheet HTML 2Page - Toshiba Semiconductor TLP250 Datasheet HTML 3Page - Toshiba Semiconductor TLP250 Datasheet HTML 4Page - Toshiba Semiconductor TLP250 Datasheet HTML 5Page - Toshiba Semiconductor TLP250 Datasheet HTML 6Page - Toshiba Semiconductor TLP250 Datasheet HTML 7Page - Toshiba Semiconductor TLP250 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP250
2004-06-25
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating (Ta ≥ 70°C)
∆IF / ∆Ta
−0.36
mA / °C
Peak transient forward curent
(Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
“H”peak output current (PW ≤ 2.5µs,f ≤ 15kHz)
(Note 2)
IOPH
−1.5
A
“L”peak output current (PW ≤ 2.5µs,f ≤ 15kHz)
(Note 2)
IOPL
+1.5
A
(Ta ≤ 70°C)
35
Output voltage
(Ta
= 85°C)
VO
24
V
(Ta ≤ 70°C)
35
Supply voltage
(Ta
= 85°C)
VCC
24
V
Output voltage derating (Ta ≥ 70°C)
∆VO / ∆Ta
−0.73
V / °C
Supply voltage derating (Ta ≥ 70°C)
∆VCC / ∆Ta
−0.73
V / °C
Junction temperature
Tj
125
°C
Operating frequency
(Note 3)
f
25
kHz
Operating temperature range
Topr
−20~85
°C
Storage temperature range
Tstg
−55~125
°C
Lead soldering temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 5)
BVS
2500
Vrms
Note 1:
Pulse width PW ≤ 1µs, 300pps
Note 2:
Exporenential wavefom
Note 3:
Exporenential wavefom, IOPH ≤ −1.0A( ≤ 2.5µs), IOPL ≤ +1.0A( ≤ 2.5µs)
Note 4:
It is 2 mm or more from a lead root.
Note 5:
Device considerd a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8 shorted
together.
Note 6:
A ceramic capacitor(0.1µF) should be connected from pin 8 to pin 5 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching proparty. The total lead
length between capacitor and coupler should not exceed 1cm.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input current, on
(Note 7)
IF(ON)
7
8
10
mA
Input voltage, off
VF(OFF)
0
―
0.8
V
Supply voltage
VCC
15
―
30
20
V
Peak output current
IOPH/IOPL
―
―
±0.5
A
Operating temperature
Topr
−20
25
70
85
°C
Note 7: Input signal rise time (fall time)
< 0.5 µs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com