Electronic Components Datasheet Search
  English  ▼

X  

IPT0118 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IPT0118
Description  phototransistor in miniature SMD package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IPT0118 Datasheet(HTML) 1 Page - IDEA.lnc.

  IPT0118 Datasheet HTML 1Page - IDEA.lnc. IPT0118 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IPT0118
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
This is a phototransistor in miniature SMD package. It is molded in a water clear plastic with a
flat top view lens.
PART NO.
Chip
Lens Color
Material
IPT0118
Silicon
Water Clear


Similar Part No. - IPT0118

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
logo
Infineon Technologies A...
IPT010N08NM5 INFINEON-IPT010N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2020-12-09
IPT012N06N INFINEON-IPT012N06N Datasheet
1,022Kb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.1,2015-02-23
More results

Similar Description - IPT0118

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
Silicon Phototransistor in Miniature SMT Package
OP500 OPTEK-OP500 Datasheet
240Kb / 5P
Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
logo
Vishay Siliconix
TEMT7100ITX01 VISHAY-TEMT7100ITX01 Datasheet
145Kb / 7P
Silicon Phototransistor in 0805 Package
03-Jun-14
TEMT7000 VISHAY-TEMT7000 Datasheet
134Kb / 7P
Silicon Phototransistor in 0805 Package
18-Oct-11
TEMT7100 VISHAY-TEMT7100 Datasheet
133Kb / 7P
Silicon Phototransistor in 0805 Package
18-Oct-11
logo
TT Electronics.
OP500 TTELEC-OP500 Datasheet
240Kb / 5P
Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
Silicon Phototransistor in Miniature SMT Package
OP525 TTELEC-OP525 Datasheet
380Kb / 5P
Silicon Phototransistor and Photo Darlington in 1210 SMD Package
logo
Vishay Siliconix
TEMT7000X01 VISHAY-TEMT7000X01_V02 Datasheet
140Kb / 7P
Silicon Phototransistor in 0805 Package
31-Jul-2020
TEMT7100ITX01 VISHAY-TEMT7100ITX01_V02 Datasheet
147Kb / 7P
Silicon Phototransistor in 0805 Package
03-Jun-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com