Electronic Components Datasheet Search
  English  ▼

X  

ISGC0118 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # ISGC0118
Description  LED LAMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

ISGC0118 Datasheet(HTML) 1 Page - IDEA.lnc.

  ISGC0118 Datasheet HTML 1Page - IDEA.lnc. ISGC0118 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISGC0118
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
These lamps are of the so-called 1206 size, measuring approximately 1.5 x 3 mm.
PART NO.
Chip
Lens Color
Material
Emitted Color
ISGC0118
GaP
Yellow Green
Water Clear


Similar Part No. - ISGC0118

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISG0505A XPPOWER-ISG0505A Datasheet
94Kb / 1P
ISG Series
ISG0512A XPPOWER-ISG0512A Datasheet
94Kb / 1P
ISG Series
ISG0515A XPPOWER-ISG0515A Datasheet
94Kb / 1P
ISG Series
logo
Infineon Technologies A...
ISG0613N04NM6H INFINEON-ISG0613N04NM6H Datasheet
1Mb / 11P
MOSFET OptiMOSTM6 Power-Transistor, 40 V
Rev. 2.0, 2023-12-05
ISG0613N04NM6HSC INFINEON-ISG0613N04NM6HSC Datasheet
1,023Kb / 11P
MOSFET OptiMOSTM6 Power-Transistor, 40 V
Rev. 2.0, 2023-12-05
More results

Similar Description - ISGC0118

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-314HT A-BRIGHT-AL-314HT Datasheet
309Kb / 5P
LED Lamps
2006/9/20
AL-513RGBC-C-002 A-BRIGHT-AL-513RGBC-C-002 Datasheet
339Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-A-002 A-BRIGHT-AL-513RGBW-A-002 Datasheet
282Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
LED Lamps
2008/6/10
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
LED lamps
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
LED lamps
logo
Ningbo Foryard Optoelec...
FYCL-S19AR2G4-XX FORYARD-FYCL-S19AR2G4-XX Datasheet
378Kb / 4P
LED Lamps
logo
Lucky Light Electronic
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
LED Lamps
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com