Electronic Components Datasheet Search
  English  ▼

X  

ISRC0178 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # ISRC0178
Description  miniature lens type designed for surface mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

ISRC0178 Datasheet(HTML) 1 Page - IDEA.lnc.

  ISRC0178 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–4
Surface Mount LED,
0178 Series “0805” Package
The 0178 series lamps are miniature chip type designed for surface mounting. These lamps are of the so-called 0805 size, measuring
approximately 1.5 x 2.0 mm. These lamps are available in EIA481 tape and reel packaging with approximately 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC0178
Red
660
20
100
30
200
100
5
–
1.7
2.4
11
19
140
IVRC0178
Red
640
45
70
25
90
100
5
–
2.0
2.8
5
9
140
IVYC0178
Yellow
585
35
70
20
90
100
5
–
2.0
2.8
5
9
140
IVGC0178
Green
570
30
70
25
90
100
5
–
2.1
2.8
7
13
140
IURC0178*
Red
660
20
100
30
200
100
5
–
1.7
2.4
18
32
140
IUGC0178
Green
570
30
70
30
160
100
5
–
2.1
2.8
9
18
140
IUYC0178
Yellow
590
15
70
30
160
100
5
–
2.1
2.8
44
76
140
IUOC0178
Orange
620
18
70
50
160
100
5
–
2.1
2.8
26
43
140
IVRD0178
Red
640
45
70
25
90
100
5
–
2.0
2.8
3
6
160
IVYD0178
Yellow
585
35
70
20
90
100
5
–
2.0
2.8
4
8
160
IVGD0178
Green
570
30
70
25
90
100
5
–
2.1
2.8
3
7
160
IUBC0178
Blue
428
65
140
30
70
50
5
-
3.8
4.5
16
20
140
IUBC0178-7
Blue
468
26
140
30
70
50
5
-
3.5
4.0
21
26
140
Suggested pad dimensions
for reflow soldering
+
-
1.25
2.0
Cathode
1.4
1.1
0.6
1.2
0502-0178


Similar Part No. - ISRC0178

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ISRC0118 IDEA-ISRC0118 Datasheet
41Kb / 1P
LED LAMPS
ISRC0128 IDEA-ISRC0128 Datasheet
26Kb / 1P
Surface Mount LED
ISRC0158 IDEA-ISRC0158 Datasheet
29Kb / 1P
Surface Mount LED
ISRC0198 IDEA-ISRC0198 Datasheet
26Kb / 1P
Surface Mount LED
More results

Similar Description - ISRC0178

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IUGC0428 IDEA-IUGC0428 Datasheet
43Kb / 2P
miniature lens type designed for surface mounting
IVGC0178 IDEA-IVGC0178 Datasheet
39Kb / 2P
miniature lens type designed for surface mounting
JGC0175 IDEA-JGC0175 Datasheet
106Kb / 2P
miniature lens type designed for surface mounting
JGC0428 IDEA-JGC0428 Datasheet
102Kb / 2P
miniature lens type designed for surface mounting
JRC0428 IDEA-JRC0428 Datasheet
44Kb / 2P
miniature lens type designed for surface mounting
JRGBC0128 IDEA-JRGBC0128 Datasheet
80Kb / 2P
miniature chip type designed for surface mounting
JRGC0158 IDEA-JRGC0158 Datasheet
41Kb / 2P
miniature chip type designed for surface mounting
JYC0175 IDEA-JYC0175 Datasheet
51Kb / 2P
miniature lens type designed for surface mounting
JYC0178 IDEA-JYC0178 Datasheet
36Kb / 2P
miniature lens type designed for surface mounting
JYC0428 IDEA-JYC0428 Datasheet
44Kb / 2P
miniature lens type designed for surface mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com