Electronic Components Datasheet Search
  English  ▼

X  

FS2024 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2024
Description  10 BASE-T LOW PASS FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2024 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2024 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: Apr-21-2000 Pre.by: PiJunMin Rev:1.0
10 BASE-T LOW PASS FILTER
P/N: FS2024: APPLY TO GENERIC IC
A. GENERAL SPECIFICATIONS:
1. DESIGN FOR 10 BASE-T APPLICATION.
2. 16 PIN SMD LOW PROFILE PACKAGE.
3. HIGH ISOLATION VOLTAGE.
4. OPERATING TEMP RANGE: 0ºC TO 70ºC.
5. STORAGE TEMP RANGE: -25ºC TO +125ºC.
B. ELECTRICAL SPECIFICATIONS @ 25ºC:
1. TURN RATIO:
TX=2CT: 1CT, RX=1CT: 1CT
D.MARKING:
2. HI-POT:
1600 VRMS
3. CUT-OFF FREQ:
17 MHz +/- 1.5MHz
4. INSERTION LOSS (1-10 MHz): -1.0dB MAX (TX & RX)
5. ATTENUATION 20MHz
30MHz
40MHz
TRANSMITTER
-5
-10
-16 (dB MIN)
RECEIVER
-5
-10
-16
6. RETURN LOSS (1-10MHz): -15 dB MIN
C. DIMENSIONS & SCHEMATIC: (unit mm)


Similar Part No. - FS2024

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2024 BOTHHAND-FS2024 Datasheet
177Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
FS2024 BOTHHAND-FS2024_1 Datasheet
177Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
More results

Similar Description - FS2024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20LF021C ETC-20LF021C Datasheet
17Kb / 1P
10 BASE T LOW PASS FILTER
logo
Bothhand USA, LP.
FB2021 BOTHHAND-FB2021 Datasheet
40Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B-3 BOTHHAND-FB2022B-3 Datasheet
43Kb / 1P
10 BASE-T LOW PASS FILTER
FB2028D BOTHHAND-FB2028D Datasheet
254Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER
FS2022B-3M BOTHHAND-FS2022B-3M Datasheet
269Kb / 1P
10 BASE-T LOW PASS FILTER
FS2022B-3 BOTHHAND-FS2022B-3 Datasheet
179Kb / 1P
10 BASE-T LOW PASS FILTER
FS2022B-4 BOTHHAND-FS2022B-4 Datasheet
299Kb / 1P
10 BASE-T LOW PASS FILTER
FS2023BM BOTHHAND-FS2023BM Datasheet
184Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
FS2024 BOTHHAND-FS2024_1 Datasheet
177Kb / 1P
10 BASE-T LOW PASS FILTER APPLY TO GENERIC IC
FS2025 BOTHHAND-FS2025_1 Datasheet
189Kb / 1P
10 BASE-T LOW PASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com