Electronic Components Datasheet Search
  English  ▼

X  

FS2025 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2025
Description  ETHERNET SMD FILTER APPLY TO GENERIC IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2025 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2025 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Pi JunMin
Approved: Xu Wenbing
Date : 2000/5/16
Drawing no.:Filter
REV.:0
Page : 1/1
ETHERNET SMD FILTER APPLY TO GENERIC IC
P/N: FS2025 DATA SHEET
A.GENERAL SPECIFICATIONS:
1. DESIGN FOR 10 BASE-T APPLICATION.
2. 16 PIN SMD LOW PROFILE PACKAGE.
3. HIGH ISOLATION VOLTAGE.
4. STORAGE TEMP RANGE: -25ºC TO +125ºC.
B.ELECTRICAL SPECIFICATIONS @ 25ºC:
1. CUT-OFF FREQ:
17 MHz+/-1.5MHz
2. INSERTION LOSS (1-10MHz):
-1.0dB MAX (TX & RX)
D.MARKING:
3. ATTENUATION: TX
RX
@25MHz
-5
-6(dB MIN)
@30MHz
-10
-20(dB MIN)
@40MHz
-16
-31(dB MIN)
@50MHz
-31(dB MIN)
4. HI-POT:
2000 VRMS
5. RETURN LOSS (1-10MHz):
-13.5 dB MIN
6. CROSSTALK
(1-10MHz):
-30 dB MIN
C.DIMENSIONS & SCHEMATIC: (unit mm)


Similar Part No. - FS2025

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2025 BOTHHAND-FS2025 Datasheet
189Kb / 1P
10 BASE-T LOW PASS FILTER
FS2025 BOTHHAND-FS2025_1 Datasheet
189Kb / 1P
10 BASE-T LOW PASS FILTER
More results

Similar Description - FS2025

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2026-1 BOTHHAND-FS2026-1 Datasheet
30Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FB2022 BOTHHAND-FB2022_1 Datasheet
255Kb / 1P
TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FB2022M BOTHHAND-FB2022M Datasheet
255Kb / 1P
TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FB2023D BOTHHAND-FB2023D Datasheet
256Kb / 1P
TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FS2022-2 BOTHHAND-FS2022-2 Datasheet
180Kb / 1P
10 BASE-T ETHERNET SMD FILTER P/N:FS2022-2:APPLY TO GENERIC IC
FS2022BLF BOTHHAND-FS2022BLF Datasheet
268Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2022B BOTHHAND-FS2022B_1 Datasheet
170Kb / 1P
TRANSMIT / RECEIVER FILTER APPLY TO GENERIC IC
FS2022D BOTHHAND-FS2022D Datasheet
267Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2022LF BOTHHAND-FS2022LF Datasheet
287Kb / 1P
10 BASE-T ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2023AM BOTHHAND-FS2023AM Datasheet
172Kb / 1P
ETHERNET SMD FILTER APPLY TO GENERIC IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com