Electronic Components Datasheet Search
  English  ▼

X  

GS5010 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GS5010
Description  1000 BASE -T ELECTRICAL SPECIFICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GS5010 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GS5010 Datasheet HTML 1Page - Bothhand USA, LP. GS5010 Datasheet HTML 2Page - Bothhand USA, LP. GS5010 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
1000 BASE –T ELECTRICAL SPECIFICATIONS
P/N: GS5010 DATA SHEET
Page : 1/3
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(01/02)
Feature
Designed for Ethernet 100/1000 BASE-T, full duplex
applications.
Supports 8 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode
emissions.
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
Electrical Specifications @ 25°C
Turns Ratio
(±2%)
Part
Number
TX
RX
Inductance (uH Min)
@100KHz/0.1Vrms with 8mA/DC Bias
Voltage Isolation
(Vrms)
GS5010
1CT:1CT
1CT:1CT
350
1500
Continue
Insertion
Loss
(dB Max.)
Return Loss
(dB Min @ 100 Ω)
Cross talk Attenuation
(dB Min)
Differential to Common
Mode Rejection
(dB Min)
Part
Number
1–100MHz 1-30MHz 40MHz 50MHz 60-80MHz 100MHz 30MHz 60MHz 100MHz 30MHz 60MHz 100MHz
GS5010
-1.0
-18
-14.4
-13.1
-12
-10
-45
-40
-35
-43
-37
-33
Schematic


Similar Part No. - GS5010

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5012 BOTHHAND-GS5012 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
188Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
More results

Similar Description - GS5010

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFGIA100M XFMRS-XFGIA100M Datasheet
51Kb / 1P
1000 BASE-T Modules
XFGIB100B XFMRS-XFGIB100B Datasheet
91Kb / 1P
1000 BASE-T Modules
XFGIB1002 XFMRS-XFGIB1002 Datasheet
56Kb / 1P
1000 BASE-T Modules
XFGIB1003 XFMRS-XFGIB1003 Datasheet
50Kb / 1P
1000 BASE-T Modules
logo
MPS Industries, Inc.
N3XXXS MPSIND-N3XXXS Datasheet
36Kb / 1P
1000 BASE-T Module
logo
XFMRS Inc.
XFGIA100 XFMRS-XFGIA100 Datasheet
95Kb / 1P
1000 BASE-T Modules
XFGIB100B XFMRS-XFGIB100B Datasheet
61Kb / 1P
1000 BASE-T Modules
XFGIB1004 XFMRS-XFGIB1004 Datasheet
100Kb / 1P
1000 BASE-T Modules
XFGIB1004M XFMRS-XFGIB1004M Datasheet
100Kb / 1P
1000 BASE-T Modules
logo
VITALCONN ELECTRONICS H...
TG24011S1 VITALCONN-TG24011S1 Datasheet
257Kb / 1P
1000 BASE-T MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com