Electronic Components Datasheet Search
  English  ▼

X  

B25834 Datasheet(PDF) 10 Page - EPCOS

Part # B25834
Description  MKV AC capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25834 Datasheet(HTML) 10 Page - EPCOS

Back Button B25834 Datasheet HTML 4Page - EPCOS B25834 Datasheet HTML 5Page - EPCOS B25834 Datasheet HTML 6Page - EPCOS B25834 Datasheet HTML 7Page - EPCOS B25834 Datasheet HTML 8Page - EPCOS B25834 Datasheet HTML 9Page - EPCOS B25834 Datasheet HTML 10Page - EPCOS B25834 Datasheet HTML 11Page - EPCOS B25834 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Please read Cautions and warnings and
10 09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping, Commutating
B25834
Dimensional drawing 7
Tab connectors 6,3 mm
Dimensions in mm
Mounting parts (included in delivery)
dl ± 2
Creepage
distance
Clearance
35
48
66
35
80
Threaded bolt
Max. torque
Toothed washer
Hex nut
M8
4 Nm
J 8,2 DIN 6797
M 8 DIN 439
KLK1418-C
Tab connector
M8
A 6,3 x 0,8
DIN 46 244
+0,5
–0,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com