Electronic Components Datasheet Search
  English  ▼

X  

IVRT4251 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IVRT4251
Description  T-1 3/4, 5 mm Round
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVRT4251 Datasheet(HTML) 1 Page - IDEA.lnc.

  IVRT4251 Datasheet HTML 1Page - IDEA.lnc. IVRT4251 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IVRT4251
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
This lamp is a T-1 3/4, 5 mm Round.
PART NO.
Chip
Lens Color
Material
Emitted Color
IVRT4251
GaAsP/GaP
Hi-Eff Red
Red Trans


Similar Part No. - IVRT4251

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
IVR1004 APLUS-IVR1004 Datasheet
164Kb / 8P
aIVR1004 ??10 sec
IVR2104 APLUS-IVR2104 Datasheet
92Kb / 8P
aIVR2104 ??21 sec
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
More results

Similar Description - IVRT4251

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-R5C2-AQTB EVERLIGHT-7343-R5C2-AQTB Datasheet
97Kb / 7P
5 mm Round LED, T-1 3/4
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
5 mm Round White LED (T-1 3/4)
logo
IDEA.lnc.
IGD4251 IDEA-IGD4251 Datasheet
34Kb / 2P
T-1 3/4, 5 mm Round
IID4251 IDEA-IID4251 Datasheet
30Kb / 2P
T-1 3/4, 5 mm Round
IURC4251 IDEA-IURC4251 Datasheet
37Kb / 2P
T-1 3/4, 5 mm Round
IVGC4251 IDEA-IVGC4251 Datasheet
104Kb / 2P
T-1 3/4, 5 mm Round
IVGT4251 IDEA-IVGT4251 Datasheet
37Kb / 2P
T-1 3/4, 5 mm Round
IVYC4251 IDEA-IVYC4251 Datasheet
105Kb / 2P
T-1 3/4, 5 mm Round
IYD4251 IDEA-IYD4251 Datasheet
30Kb / 2P
T-1 3/4, 5 mm Round
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com